Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPIT05030F-R22M Datasheet(PDF) 3 Page - Transko Electronics, Inc.

Part # TMPIT05030F-R22M
Description  Power Inductor SMD (5.4 X 6.0 X 3.0 mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TMPIT05030F-R22M Datasheet(HTML) 3 Page - Transko Electronics, Inc.

  TMPIT05030F-R22M Datasheet HTML 1Page - Transko Electronics, Inc. TMPIT05030F-R22M Datasheet HTML 2Page - Transko Electronics, Inc. TMPIT05030F-R22M Datasheet HTML 3Page - Transko Electronics, Inc. TMPIT05030F-R22M Datasheet HTML 4Page - Transko Electronics, Inc. TMPIT05030F-R22M Datasheet HTML 5Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMPIT05030F Series
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 09
-
04
-
2018
TMPIT05030F-2R2M
TMPIT05030F-3R3M
TMPIT05030F-100M
TMPIT05030F-6R8M
TMPIT05030F-5R6M
TMPIT05030F-4R7M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com