Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI07030F-R15M Datasheet (PDF) - Transko Electronics, Inc.

TPI07030F-R15M Datasheet PDF - Transko Electronics, Inc.
Part # TPI07030F-R15M
Download  TPI07030F-R15M Download
File Size   549.99 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (6.8 X 7.3 X 3.0mm)

TPI07030F-R15M Datasheet (PDF)

Go To PDF Page Download Datasheet
TPI07030F-R15M Datasheet PDF - Transko Electronics, Inc.

Part # TPI07030F-R15M
Download  TPI07030F-R15M Click to download

File Size   549.99 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (6.8 X 7.3 X 3.0mm)

TPI07030F-R15M Datasheet (HTML) - Transko Electronics, Inc.


TPI07030F-R15M Product details

FEATURES
• Shielded construction • Low acoustic noise
• Powdered iron molding • Halogen Free RoHS compliant




Similar Part No. - TPI07030F-R15M

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TPI07050F TRANSKO-TPI07050F Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-100M TRANSKO-TPI07050F-100M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-1R0M TRANSKO-TPI07050F-1R0M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-1R5M TRANSKO-TPI07050F-1R5M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI07050F-2R2M TRANSKO-TPI07050F-2R2M Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
More results


Similar Description - TPI07030F-R15M

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HSR43 EUROQUARTZ-HSR43 Datasheet
157Kb / 1P
11.4 x 9.6 x 3.0mm SMD
logo
Transko Electronics, In...
TMPIC04020F TRANSKO-TMPIC04020F Datasheet
1Mb / 4P
Power Inductor SMD (4.45 X 4.75 X 2.00 mm)
Rev 1: 05-09-2018
TMPIC05030F TRANSKO-TMPIC05030F Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TMPIC07030F TRANSKO-TMPIC07030F Datasheet
625Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 2: 04-15-2019
TMPIT07030AF TRANSKO-TMPIT07030AF Datasheet
368Kb / 4P
Power Inductor SMD (6.6 X 6.4 X 3.1 mm)
Rev 1: 05-21-2020
TP0705BF TRANSKO-TP0705BF Datasheet
618Kb / 3P
Power Inductor SMD (7.80 X 7.00 X 5.00 mm)
Rev 3: 09-11-2019
TPI07050F TRANSKO-TPI07050F Datasheet
779Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 5.0mm)
Rev 1: 01-31-2018
TPI10040F TRANSKO-TPI10040F Datasheet
781Kb / 3P
Power Inductor SMD (10.3 X 11.5 X 4.0mm)
Rev 1: 05-09-2018
TPRH10D40F TRANSKO-TPRH10D40F Datasheet
734Kb / 3P
Power Inductor SMD (10.10 X 10.0 X 3.8 mm)
Rev 1: 04-27-2018
TPRH6D38F TRANSKO-TPRH6D38F Datasheet
745Kb / 3P
Power Inductor SMD (6.7 X 6.7 X 4.0mm)
Rev 2: 10-22-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com