Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI07030F-R15M Datasheet(PDF) 2 Page - Transko Electronics, Inc.

Part # TPI07030F-R15M
Description  Power Inductor SMD (6.8 X 7.3 X 3.0mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPI07030F-R15M Datasheet(HTML) 2 Page - Transko Electronics, Inc.

  TPI07030F-R15M Datasheet HTML 1Page - Transko Electronics, Inc. TPI07030F-R15M Datasheet HTML 2Page - Transko Electronics, Inc. TPI07030F-R15M Datasheet HTML 3Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPI07030F SERIES
3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000
www.transko.com
sales@transko.com
Rev 1: 02
-
14
-
2018
REEL DIMENSIONS (1000 pcs per reel)
A
16.5 ±0.2
B
2.00 ±0.2
W1
16.00 ±0.3
I
1.75 ±0.1
F
7.50 ±0.1
P
4.00 ±0.1
G
P1
A0
T
2.00 ±0.1
12.0 ±0.1
7.10 REF
0.40 ±0.05
B0
7.60 REF
K0
3.50 ±0.1
UNIT: mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com