Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPI10040F-R47M Datasheet (PDF) - Transko Electronics, Inc.

TPI10040F-R47M Datasheet PDF - Transko Electronics, Inc.
Part # TPI10040F-R47M
Download  TPI10040F-R47M Download
File Size   781.6 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (10.3 X 11.5 X 4.0mm)

TPI10040F-R47M Datasheet (PDF)

Go To PDF Page Download Datasheet
TPI10040F-R47M Datasheet PDF - Transko Electronics, Inc.

Part # TPI10040F-R47M
Download  TPI10040F-R47M Click to download

File Size   781.6 Kbytes
Page   3 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description Power Inductor SMD (10.3 X 11.5 X 4.0mm)

TPI10040F-R47M Datasheet (HTML) - Transko Electronics, Inc.


TPI10040F-R47M Product details

FEATURES
• Shielded construction
• Low acoustic noise
• Halogen Free RoHS compliant




Similar Part No. - TPI10040F-R47M

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TPI100-112A-J TRACOPOWER-TPI100-112A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-115A-J TRACOPOWER-TPI100-115A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-124A-J TRACOPOWER-TPI100-124A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-128A-J TRACOPOWER-TPI100-128A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
TPI100-136A-J TRACOPOWER-TPI100-136A-J Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TPI 100A Series, 100 Watt
Rev. March 16, 2023
More results


Similar Description - TPI10040F-R47M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN251RBR PANASONIC-LN251RBR Datasheet
50Kb / 2P
4.0mm X 2.0mm SERIES
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
4.0mm X 2.5mm SMD Package
logo
Fox Electronics
C4BS FOX-C4BS Datasheet
218Kb / 3P
4.0mm x 2.5mm Ceramic SMD Crystal
logo
Transko Electronics, In...
HC49SMD TRANSKO-HC49SMD Datasheet
159Kb / 1P
STANDARD HC49/SMD CRYSTAL (11.5 x 4.75 x 3.5mm)
Rev. 2: 10-10-19
TMPIC05030F TRANSKO-TMPIC05030F Datasheet
1Mb / 4P
Power Inductor SMD (5.0 X 5.5 X 3.0mm)
Rev 1: 02-06-2018
TPI07030F TRANSKO-TPI07030F Datasheet
549Kb / 3P
Power Inductor SMD (6.8 X 7.3 X 3.0mm)
Rev 1: 02-14-2018
TPRH6D38F TRANSKO-TPRH6D38F Datasheet
745Kb / 3P
Power Inductor SMD (6.7 X 6.7 X 4.0mm)
Rev 2: 10-22-2019
TRSI5040F TRANSKO-TRSI5040F Datasheet
729Kb / 3P
Resin Shielded Inductor SMD (5.0 X 5.0 X 4.0mm)
Rev 2: 11-04-2019
TVCO TRANSKO-TVCO Datasheet
555Kb / 4P
SMD VOLTAGE CONTROLLED OSCILLATOR (12.8 X 12.8 X 4.0MM)
TX-G TRANSKO-TX-G Datasheet
489Kb / 2P
TCXO/VCTCXO 6PAD SMD PACKAGE (11.4 x 11.6 x 4.0mm)
Rev. 1: Dec. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com