Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV Datasheet (PDF) - Transko Electronics, Inc.

TPV Datasheet PDF - Transko Electronics, Inc.
Part # TPV
Download  TPV Download
File Size   374.2 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)

TPV Datasheet (PDF)

Go To PDF Page Download Datasheet
TPV Datasheet PDF - Transko Electronics, Inc.

Part # TPV
Download  TPV Click to download

File Size   374.2 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)

TPV Datasheet (HTML) - Transko Electronics, Inc.


TPV Product details

FEATURES:
 HCMOS HIGH FREQUENCY RANGE
 LOW JITTER / LOW CURRENT
 SUITABLE FOR REFLOW




Similar Part No. - TPV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TPV RUBYCON-TPV Datasheet
210Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV Datasheet
706Kb / 3P
TPV 24V & 48V Series
logo
M-System Co.,Ltd.
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-W1 TOPPOWER-TPV-W1 Datasheet
814Kb / 3P
0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results


Similar Description - TPV

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVD2 VECTRON-VVD2 Datasheet
98Kb / 2P
HCMOS 9.6 x 14.4 x 4.5 VCXO
logo
EUROQUARTZ limited
GDF64 EUROQUARTZ-GDF64 Datasheet
102Kb / 1P
11.4 x 9.6 x 4.7mm SMD VCXO
GDW64 EUROQUARTZ-GDW64 Datasheet
102Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
GPA64 EUROQUARTZ-GPA64 Datasheet
103Kb / 1P
11.4 x 9.6 x 4.7mm SMD VCXO
GPW64 EUROQUARTZ-GPW64 Datasheet
103Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
GSR44 EUROQUARTZ-GSR44 Datasheet
94Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
EQHM44R EUROQUARTZ-EQHM44R Datasheet
259Kb / 2P
11.4 x 9.6 x 4.7mm SMD
GDA64 EUROQUARTZ-GDA64 Datasheet
161Kb / 1P
11.4 x 9.6 x 4.7mm SMD
logo
Transko Electronics, In...
TSP TRANSKO-TSP Datasheet
295Kb / 1P
PLASTIC MOLDED STANDARD SMD OSCILLATOR (14.0 x 9.8 x 4.7mm)
Rev.2: Mar. 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com