Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPV Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPV
Description  PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPV Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPV Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TPV
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev. 1: Jul. 2014
*
PLASTIC MOLDED SMD HCMOS VCXO (14.0 x 9.8 x 4.7mm)
FEATURES:
HCMOS HIGH FREQUENCY RANGE
LOW JITTER / LOW CURRENT
SUITABLE FOR REFLOW
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
PARAMETER
MIN.
TYP.
MAX.
UNIT
NOTE
FREQUENCY RANGE
1
200
MHz
FREQUENCY STABILITY
±10
±100
ppm
OPERATING TEMPERATURE RANGE
0
70
°C
See P/N guide for other options
STORAGE TEMPERATURE RANGE
-
55
125
°C
SUPPLY VOLTAGE ±10%
3.3
5.0
V
See P/N guide for other options
SUPPLY CURRENT
55
mA
OUTPUT
LOGIC FAMILY
HCMOS
LOAD
15pF
LEVEL LOGIC ‘1’ (VOH)
0.9 x VDD
V
LEVEL LOGIC ‘0’ (VOL)
0.1 x VDD
V
SYMMETRY (DUTY CYCLE)
40
50
60
%
See P/N guide for other options
RISE AND FALL TIME (Tr/Tf)
10
nS
START-UP TIME
10
mS
FREQUENCY DEVIATION
±50
±150
ppm
CONTROL VOLTAGE
0
2.5
4.5
V
SLOPE
Positive
LINEARITY
±10
%
AGING @ 25°C + 3°C
±3.0
ppm
@ for 1st year
PHASE JITTER RMS
10
pS
@ 12kHz ~ 20MHz offset
■ SOLDER PATTERN
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ REFLOW PROFILE
Unit : mm
TRANSKO
MARKING
14.0
1
2
3
4
5.08
0.51
1.52
0.25
Pin Configuration
1
VC
2
GND
3
Output
4
VDD
Unit : mm
1.3
*0.01µF to 0.1µF bypass capacitor recommended
3.0
8.8
5.1
Symmetry
R: 40/60%
S: 45/55%
Tape and Reel
TR:
500/reel
Blank: Cut tape
Frequency
M: MHz
Supply Voltage
33: 3.3 Volt
50: 5.0 Volt
Tristate
N: N/C
Product series
Output
H: HCMOS
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
Pull ability
A:
±50ppm
B:
±75ppm
C:
±100ppm
D:
±125ppm
E:
±150ppm
H
TPV
HM 33 S N C
27.000M
TR
50
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom


Similar Part No. - TPV

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
TPV RUBYCON-TPV Datasheet
210Kb / 2P
CHIP ALUMINUM ELECTROLYTIC CAPACITORS
logo
Toppower Electronic Tec...
TPV TOPPOWER-TPV Datasheet
706Kb / 3P
TPV 24V & 48V Series
logo
M-System Co.,Ltd.
TPV MSYSTEM-TPV Datasheet
97Kb / 2P
Super-mini Two-wire Signal Conditioners T-UNIT
logo
Toppower Electronic Tec...
TPV-SAR TOPPOWER-TPV-SAR Datasheet
390Kb / 2P
1W 3KVDC Isolation Regulated Single Output DC/DC Converters
TPV-W1 TOPPOWER-TPV-W1 Datasheet
814Kb / 3P
0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VVD2 VECTRON-VVD2 Datasheet
98Kb / 2P
HCMOS 9.6 x 14.4 x 4.5 VCXO
logo
EUROQUARTZ limited
GDF64 EUROQUARTZ-GDF64 Datasheet
102Kb / 1P
11.4 x 9.6 x 4.7mm SMD VCXO
GDW64 EUROQUARTZ-GDW64 Datasheet
102Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
GPA64 EUROQUARTZ-GPA64 Datasheet
103Kb / 1P
11.4 x 9.6 x 4.7mm SMD VCXO
GPW64 EUROQUARTZ-GPW64 Datasheet
103Kb / 1P
11.4 x 9.6 x 4.7mm 6 pad SMD VCXO
GSR44 EUROQUARTZ-GSR44 Datasheet
94Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
GSR64 EUROQUARTZ-GSR64 Datasheet
99Kb / 1P
11.4 x 9.6 x 4.7mm SMD Sine Wave VCXO
EQHM44R EUROQUARTZ-EQHM44R Datasheet
259Kb / 2P
11.4 x 9.6 x 4.7mm SMD
GDA64 EUROQUARTZ-GDA64 Datasheet
161Kb / 1P
11.4 x 9.6 x 4.7mm SMD
logo
Transko Electronics, In...
TSP TRANSKO-TSP Datasheet
295Kb / 1P
PLASTIC MOLDED STANDARD SMD OSCILLATOR (14.0 x 9.8 x 4.7mm)
Rev.2: Mar. 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com