Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1DR Datasheet (PDF) - Nexperia B.V. All rights reserved

S1DR Datasheet PDF - Nexperia B.V. All rights reserved
Part # S1DR
Download  S1DR Download
File Size   215.37 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 1 A high power density, standard switching time PNrectifier

S1DR Datasheet (PDF)

Go To PDF Page Download Datasheet
S1DR Datasheet PDF - Nexperia B.V. All rights reserved

Part # S1DR
Download  S1DR Click to download

File Size   215.37 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 V, 1 A high power density, standard switching time PNrectifier

S1DR Datasheet (HTML) - Nexperia B.V. All rights reserved


S1DR Product details

1. General description
High power density, standard switching time PN-rectifier with high-efficiency planar technology,
encapsulated in a small and flat lead SOD123W Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Forward current IF ≤ 1 A
• Reverse voltage VR ≤ 200 V
• Standard switching time
• Low forward voltage
• Low reverse current
• Low inductance
• Small and flat lead SMD plastic package
• Package high typ. 1 mm
• High power capability due to clip-bond technology
• Planar die design
• Capable for reflow and wave soldering

3. Applications
• General-purpose rectification
• Reverse polarity protection
• Standard switching applications




Similar Part No. - S1DR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S1D PANJIT-S1D Datasheet
74Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
S1D PHILIPS-S1D Datasheet
59Kb / 12P
SMA controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
S1D SURGE-S1D Datasheet
86Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere???
logo
Transys Electronics
S1D TRSYS-S1D Datasheet
145Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S1D JGD-S1D Datasheet
148Kb / 2P
1.0 AMP. SURFACE MOUNT RECTIFIERS
More results


Similar Description - S1DR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3050 AD-ADP3050 Datasheet
191Kb / 16P
200 kHz, 1 A High-Voltage Step-Down Switching Regulator
REV.0
logo
Renesas Technology Corp
RJK6034DPD-E0 RENESAS-RJK6034DPD-E0 Datasheet
82Kb / 7P
600 V - 1 A - MOS FET High Speed Power Switching
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Renesas Technology Corp
RJK2062JPK RENESAS-RJK2062JPK Datasheet
95Kb / 7P
200 V - 80 A - N Channel Power MOS FET High Speed Power Switching
logo
Analog Devices
ADP3050ARZ-5 AD-ADP3050ARZ-5 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
logo
Renesas Technology Corp
RJK2062JPK RENESAS-RJK2062JPK_15 Datasheet
95Kb / 7P
200 V - 80 A - N Channel Power MOS FET High Speed Power Switching
logo
NXP Semiconductors
PNS40010ER PHILIPS-PNS40010ER_15 Datasheet
864Kb / 14P
400 V, 1 A high power density, standard switching time PN-rectifier
Rev. 2-21 August 2012
logo
Nexperia B.V. All right...
ES1GR NEXPERIA-ES1GR Datasheet
222Kb / 14P
400 V, 1 A hyperfast switching time PN-rectifier
PNS40010ER NEXPERIA-PNS40010ER Datasheet
252Kb / 14P
400 V, 1 A high power density, standard switching time recovery rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com