Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2747TB Datasheet (PDF) - Renesas Technology Corp

UPC2747TB Datasheet PDF - Renesas Technology Corp
Part # UPC2747TB
Download  UPC2747TB Download
File Size   243.05 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUITS

UPC2747TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2747TB Datasheet PDF - Renesas Technology Corp

Part # UPC2747TB
Download  UPC2747TB Click to download

File Size   243.05 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUITS

UPC2747TB Datasheet (HTML) - Renesas Technology Corp


UPC2747TB Product details

FEATURES
• Supply voltage : VCC = 2.7 to 3.3 V
• Noise figure : mPC2747TB ; NF = 3.3 dB TYP. @ f = 900 MHz
mPC2748TB ; NF = 2.8 dB TYP. @ f = 900 MHz
• Power gain : mPC2747TB ; GP = 12 dB TYP. @ f = 900 MHz
mPC2748TB ; GP = 19 dB TYP. @ f = 900 MHz
• Operating frequency : mPC2747TB ; DC to 1.8 GHz
mPC2748TB ; 0.2 to 1.5 GHz
• Isolation : mPC2747TB ; ISL = 40 dB TYP. @ f = 900 MHz
mPC2748TB ; ISL = 40 dB TYP. @ f = 900 MHz
• High-density surface mounting : 6-pin super minimold package (2.0 ´ 1.25 ´ 0.9 mm)




Similar Part No. - UPC2747TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2747TB NEC-UPC2747TB Datasheet
119Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
logo
California Eastern Labs
UPC2747TB CEL-UPC2747TB Datasheet
240Kb / 9P
3 V, SUPER MINIMOLD 900 MHz Si MMIC AMPLIFIER
UPC2747TB CEL-UPC2747TB Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2747TB CEL-UPC2747TB Datasheet
2Mb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC2747TB-E3 NEC-UPC2747TB-E3 Datasheet
119Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUMICATIONS
More results


Similar Description - UPC2747TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1490 NEC-UPC1490 Datasheet
158Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUITS
logo
Renesas Technology Corp
UPC1099 RENESAS-UPC1099 Datasheet
558Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC1100 RENESAS-UPC1100 Datasheet
563Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC1228 RENESAS-UPC1228 Datasheet
1Mb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1983
UPC1297 RENESAS-UPC1297 Datasheet
819Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1985
UPC1663B RENESAS-UPC1663B Datasheet
443Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC842 RENESAS-UPC842 Datasheet
576Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
UPC7800A RENESAS-UPC7800A Datasheet
634Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1992
UPC8119T RENESAS-UPC8119T Datasheet
663Kb / 52P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2003
UPC8190K RENESAS-UPC8190K Datasheet
292Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com