Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3244TB Datasheet (PDF) - Renesas Technology Corp

UPC3244TB Datasheet PDF - Renesas Technology Corp
Part # UPC3244TB
Download  UPC3244TB Download
File Size   407.08 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bipolar Analog Integrated Circuit 3.3 V, Silicon Germanium MMIC Medium Output Power Amplifier

UPC3244TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3244TB Datasheet PDF - Renesas Technology Corp

Part # UPC3244TB
Download  UPC3244TB Click to download

File Size   407.08 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bipolar Analog Integrated Circuit 3.3 V, Silicon Germanium MMIC Medium Output Power Amplifier

UPC3244TB Datasheet (HTML) - Renesas Technology Corp


UPC3244TB Product details

FEATURES
• Low current : ICC = 18 mA TYP.
• Power gain : GP = 30 dB TYP. @ f = 1.0 GHz
GP = 31 dB TYP. @ f = 2.2 GHz
• Noise figure : NF = 3.1 dB TYP.@ f = 1.0 GHz
NF = 3.1 dB TYP. @ f = 2.2 GHz
• High linearity : PO (1 dB) = +8 dBm TYP.@ f = 1.0 GHz
PO (1 dB) = +6 dBm TYP. @ f = 2.2 GHz
• Supply voltage : VCC = 3.0 to 3.6 V
• Port impedance : input/output 50 Ω




Similar Part No. - UPC3244TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC324 RENESAS-UPC324 Datasheet
239Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC324 RENESAS-UPC324 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC324 RENESAS-UPC324 Datasheet
597Kb / 11P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Mar.3.25
UPC3240TB RENESAS-UPC3240TB Datasheet
334Kb / 21P
3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
More results


Similar Description - UPC3244TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1335V NEC-UPC1335V Datasheet
182Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT-AUDIO POWER AMPLIFIER
logo
California Eastern Labs
UPC3223TB CEL-UPC3223TB Datasheet
320Kb / 14P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB CEL-UPC3232TB Datasheet
455Kb / 14P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
NEC
UPC3223TB NEC-UPC3223TB Datasheet
94Kb / 15P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3225TB NEC-UPC3225TB Datasheet
163Kb / 17P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3226TB NEC-UPC3226TB Datasheet
111Kb / 14P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3232TB NEC-UPC3232TB Datasheet
161Kb / 15P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
UPC3236TK NEC-UPC3236TK Datasheet
256Kb / 22P
5 V, SILICON GERMANIUM MMIC MEDIUM OUTPUT POWER AMPLIFIER
logo
Renesas Technology Corp
UPC3242TB RENESAS-UPC3242TB Datasheet
334Kb / 21P
3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER
PC3223TB RENESAS-PC3223TB_15 Datasheet
225Kb / 17P
5 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com