Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC3242TB Datasheet (PDF) - Renesas Technology Corp

UPC3242TB Datasheet PDF - Renesas Technology Corp
Part # UPC3242TB
Download  UPC3242TB Download
File Size   334.89 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER

UPC3242TB Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC3242TB Datasheet PDF - Renesas Technology Corp

Part # UPC3242TB
Download  UPC3242TB Click to download

File Size   334.89 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 V, SILICON GERMANIUM MMIC WIDE BAND AMPLIFIER

UPC3242TB Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - UPC3242TB

ManufacturerPart #DatasheetDescription
logo
NEC
UPC324 NEC-UPC324 Datasheet
84Kb / 12P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC324 RENESAS-UPC324 Datasheet
239Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
UPC324 RENESAS-UPC324 Datasheet
632Kb / 11P
Single Power Supply Quad Operational Amplifiers
2019.1.17
UPC324 RENESAS-UPC324 Datasheet
597Kb / 11P
Single Power Supply Quad Operational Amplifiers
Rev.2.00 Mar.3.25
UPC3241TB RENESAS-UPC3241TB Datasheet
420Kb / 21P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2009
More results


Similar Description - UPC3242TB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA622 INFINEON-BGA622 Datasheet
81Kb / 9P
Silicon Germanium Wide Band Low Noise Amplifier
2002-09-13
logo
NEC
UPC1651G NEC-UPC1651G Datasheet
75Kb / 2P
WIDE BAND UHF SILICON MMIC AMPLIFIER
UPC1656 NEC-UPC1656 Datasheet
40Kb / 3P
850 MHz WIDE-BAND SILICON MMIC AMPLIFIER
UPC2710T NEC-UPC2710T Datasheet
95Kb / 6P
1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2709T NEC-UPC2709T Datasheet
96Kb / 6P
2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC2708T NEC-UPC2708T Datasheet
140Kb / 6P
3 GHz SILICON MMIC WIDE-BAND AMPLIFIER
UPC3227TB NEC-UPC3227TB Datasheet
115Kb / 14P
5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
logo
Infineon Technologies A...
BGA628L7 INFINEON-BGA628L7 Datasheet
1Mb / 16P
Silicon Germanium Wide Band Low Noise Amplifier
Revision 1.1, 2009-12-17
logo
Advanced Semiconductor ...
AWB459 ASB-AWB459 Datasheet
945Kb / 12P
Wide band MMIC Amplifier
January 2015
logo
Infineon Technologies A...
BGA616 INFINEON-BGA616_11 Datasheet
254Kb / 9P
Silicon Germanium Broadband MMIC Amplifier
Rev. 2.1, Sept. 2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com