Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM39102 Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM39102 Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM39102
Download  LM39102 Download
File Size   325.7 Kbytes
Page   9 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A Low-Voltage Low-Dropout Regulator

LM39102 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM39102 Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM39102
Download  LM39102 Click to download

File Size   325.7 Kbytes
Page   9 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 1A Low-Voltage Low-Dropout Regulator

LM39102 Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM39102 Product details

DESCRIPSION

The LM39100/1/2 is 1A low-dropout linear voltage regulators that provide low-voltage, high-current output. The LM39100/1/2 offers extremely low dropout (typically410mV at 1A) and low ground current (typically 12mA at 1A). The LM39100 is a fixed outputregulator offered in the SOT-223 package. The LM39101 and LM39102 are fixed and adjustable regulators, respectively, in SOP-8 and TO-252 Packages. 



FEATURES

Fixed and adjustable output voltages to 1.24V

410mV typical dropout at 1A

  Ideal for 3.0V to 2.5V conversion

  Ideal for 2.5V to 1.8V or 1.5V conversion

1A minimum guaranteed output current

1% initial accuracy

Low ground current

Current limiting and thermal shutdown

Reversed-battery protection

Reversed-leakage protection

Fast transient response

Low-profile SOT-223 package

Moisture Sensitivity Level 3



APPLICATION

Battery Powered Equipments

Motherboards and Graphic Cards

Microprocessor Power Supplies

Peripheral Cards

High Efficiency Linear Regulators

Battery Chargers




Similar Part No. - LM39102

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM39102 UTC-LM39102 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
LM39102G-S08-R UTC-LM39102G-S08-R Datasheet
165Kb / 5P
Reversed-battery protection
LM39102G-S08-R UTC-LM39102G-S08-R Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
LM39102G-SH2-R UTC-LM39102G-SH2-R Datasheet
165Kb / 5P
Reversed-battery protection
LM39102G-SH2-R UTC-LM39102G-SH2-R Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
More results


Similar Description - LM39102

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com