Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1442272 Datasheet (PDF) - PHOENIX CONTACT

1442272 Datasheet PDF - PHOENIX CONTACT
Part # 1442272
Download  1442272 Download
File Size   461.33 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-FS-17CON-M16/2,0-PVCSCO - Device connector, rear mounting

1442272 Datasheet (PDF)

Go To PDF Page Download Datasheet
1442272 Datasheet PDF - PHOENIX CONTACT

Part # 1442272
Download  1442272 Click to download

File Size   461.33 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-FS-17CON-M16/2,0-PVCSCO - Device connector, rear mounting

1442272 Datasheet (HTML) - PHOENIX CONTACT


1442272 Product details

Device connector, rear mounting, Universal, 17-position, PVC/PVC, black RAL 9005, shielded,
Flush-type female connector, straight, M12-SPEEDCON, coding: A , on free cable end, Rear
mounting, M16 x 1.5, Cable connection, cable length: 1 m, 0.14 mm2, PVC black, Alternative
product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1239770

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1442272

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1442227 PHOENIX-1442227 Datasheet
137Kb / 9P
Flush-type connector - SACCBP-MS-12CON-M16/1,0-PVCSCO
09/11/2020
1442230 PHOENIX-1442230 Datasheet
72Kb / 5P
Flush-type connector - SACCBP-MS-12CON-M16/2,0-PVCSCO
01.11.2013
1442269 PHOENIX-1442269 Datasheet
517Kb / 13P
SACCBP-FS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting
More results


Similar Description - 1442272

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419315 PHOENIX-1419315 Datasheet
607Kb / 16P
SACCBP-FS-4CON-M16/2,0-PUR SCO - Device connector, rear mounting
1419344 PHOENIX-1419344 Datasheet
520Kb / 14P
SACCBP-FS-8CON-M16/2,0-PUR SCO - Device connector, rear mounting
1442188 PHOENIX-1442188 Datasheet
507Kb / 13P
SACCBP-FS-12CON-M16/1,0-PVCSCO - Device connector, rear mounting
1442191 PHOENIX-1442191 Datasheet
507Kb / 13P
SACCBP-FS-12CON-M16/2,0-PVCSCO - Device connector, rear mounting
1442269 PHOENIX-1442269 Datasheet
517Kb / 13P
SACCBP-FS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting
1442308 PHOENIX-1442308 Datasheet
458Kb / 11P
SACCBP-MS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting
1552366 PHOENIX-1552366 Datasheet
374Kb / 11P
SACCBP-M12MSD-4CON-M16/2,0-933 - Device connector, rear mounting
1429114 PHOENIX-1429114 Datasheet
374Kb / 9P
SACCBP-M12FS-6CON-M16/2,0-970 - Device connector, rear mounting
1239593 PHOENIX-1239593 Datasheet
282Kb / 7P
SACCBP-M12MS-6CON-M16/2,0-970X - Device connector, rear mounting
1534562 PHOENIX-1534562 Datasheet
1Mb / 12P
SACCBP-M12FSB-5CON-M16/2,0-900 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com