Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1442308 Datasheet (PDF) - PHOENIX CONTACT

1442308 Datasheet PDF - PHOENIX CONTACT
Part # 1442308
Download  1442308 Download
File Size   458.6 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-MS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting

1442308 Datasheet (PDF)

Go To PDF Page Download Datasheet
1442308 Datasheet PDF - PHOENIX CONTACT

Part # 1442308
Download  1442308 Click to download

File Size   458.6 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-MS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting

1442308 Datasheet (HTML) - PHOENIX CONTACT


1442308 Product details

Device connector, rear mounting, Universal, 17-position, PVC/PVC, black RAL 9005, shielded,
Flush-type male connector, straight, M12-SPEEDCON, coding: A , on free cable end, Rear
mounting, M16 x 1.5, Cable connection, cable length: 1 m, 0.14 mm2, PVC black, Alternative
product in accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1239771

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1442308

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
1442300G1-C ATGBICS-1442300G1-C Datasheet
185Kb / 7P
1442300G1 AdTran Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
More results


Similar Description - 1442308

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1442227 PHOENIX-1442227 Datasheet
137Kb / 9P
Flush-type connector - SACCBP-MS-12CON-M16/1,0-PVCSCO
09/11/2020
1419399 PHOENIX-1419399 Datasheet
603Kb / 14P
SACCBP-MS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1419409 PHOENIX-1419409 Datasheet
589Kb / 14P
SACCBP-MS-5CON-M16/1,0-PUR SCO - Device connector, rear mounting
1442188 PHOENIX-1442188 Datasheet
507Kb / 13P
SACCBP-FS-12CON-M16/1,0-PVCSCO - Device connector, rear mounting
1442191 PHOENIX-1442191 Datasheet
507Kb / 13P
SACCBP-FS-12CON-M16/2,0-PVCSCO - Device connector, rear mounting
1551574 PHOENIX-1551574 Datasheet
433Kb / 12P
SACCBP-M12MSD-4CON-M16/1,0-931 - Device connector, rear mounting
1419425 PHOENIX-1419425 Datasheet
518Kb / 13P
SACCBP-MS-8CON-M16/1,0-PUR SCO - Device connector, rear mounting
1442269 PHOENIX-1442269 Datasheet
517Kb / 13P
SACCBP-FS-17CON-M16/1,0-PVCSCO - Device connector, rear mounting
1442272 PHOENIX-1442272 Datasheet
461Kb / 12P
SACCBP-FS-17CON-M16/2,0-PVCSCO - Device connector, rear mounting
1552353 PHOENIX-1552353 Datasheet
368Kb / 11P
SACCBP-M12MSD-4CON-M16/1,0-933 - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com