Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVT162245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVT162245
Download  74ALVT162245 Download
File Size   232.35 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with 30 Ω termination resistors; 3-state

74ALVT162245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT162245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVT162245
Download  74ALVT162245 Click to download

File Size   232.35 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with 30 Ω termination resistors; 3-state

74ALVT162245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVT162245 Product details

1. General description
The 74ALVT162245 is a 16-bit transceiver with 30 Ω termination resistors and 3-state outputs.
The device can be used as two 8-bit transceivers or one 16-bit transceiver. The device features
two output enables (1OE and 2OE) each controlling eight outputs, and two send/receive
(1DIR and 2DIR) inputs for direction control. A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state.
2. Features and benefits
• 16-bit bidirectional bus interface
• 3-State buffers
• Wide supply voltage range from 2.3 to 3.6 V
• 5V I/O compatible
• Overvoltage tolerant inputs to 5.5 V
• Output capability: +12 mA/–12 mA
• Direct interface with TTL levels
• Input and output interface capability to systems at 5 V supply
• BiCMOS high speed and output drive
• Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs
• Live insertion/extraction permitted
• Outputs include series resistance of 30 Ω making external termination resistors unnecessary
• IOFF circuitry provides partial Power-down mode operation
• Power-up 3-State
• No bus current loading when output is tied to 5 V bus
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• ESD protection:
• MIL STD 883 method 3015: exceeds 2000 V
• MM: exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74ALVT162245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162245DGG PHILIPS-74ALVT162245DGG Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162245DL PHILIPS-74ALVT162245DL Datasheet
89Kb / 10P
2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Similar Description - 74ALVT162245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
74LVTH2245 NEXPERIA-74LVTH2245 Datasheet
237Kb / 12P
3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
74LVT162240A NEXPERIA-74LVT162240A Datasheet
191Kb / 14P
3.3 V 16-bit inverting buffer/driver with 30 Ω termination resistors; 3-state
Rev. 4 - 4 June 2018
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
74ABT162245A NEXPERIA-74ABT162245A Datasheet
227Kb / 13P
16-bit bus transceiver with 30 Ω series termination resistors; 3-state
Rev. 5 - 2 July 2021
74ALVC162334A NEXPERIA-74ALVC162334A Datasheet
663Kb / 19P
16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
74ALVC162835A NEXPERIA-74ALVC162835A Datasheet
201Kb / 15P
18-bit registered driver with 30 Ω termination resistors; 3-state
Rev. 7 - 12 October 2017
74ALVCH162245 NEXPERIA-74ALVCH162245 Datasheet
195Kb / 14P
16-bit bus transceiver with direction pin and 30 Ω termination resistor; 3-state
Rev. 3 - 16 January 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com