Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC162835A Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVC162835A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVC162835A
Download  74ALVC162835A Download
File Size   201.1 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit registered driver with 30 Ω termination resistors; 3-state

74ALVC162835A Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVC162835A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVC162835A
Download  74ALVC162835A Click to download

File Size   201.1 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit registered driver with 30 Ω termination resistors; 3-state

74ALVC162835A Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVC162835A Product details

1 General description
The 74ALVC162835A is an 18-bit universal bus driver. Data flow is controlled by output
enable (OE), latch enable (LE) and clock inputs (CP).
When LE is HIGH, the A to Y data flow is transparent. When LE is LOW and CP is held
at LOW or HIGH, the data is latched; on the LOW to HIGH transient of CP the A-data is
stored in the latch/flip-flop.
When OE is LOW the outputs are active. When OE is HIGH, the outputs go to the high
impedance OFF-state. Operation of the OE input does not affect the state of the latch/
flip-flop.
To ensure the high-impedance state during power up or power down, OE should be tied
to VCC through a pull-up resistor; the minimum value of the resistor is determined by the
current-sinking capability of the driver.
The 74ALVC162835A is designed with 30 Ω series resistors in both HIGH or LOW output
stages.
2 Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• CMOS low-power consumption
• Direct interface with TTL levels
• Current drive ± 12 mA at 3.0 V
• MULTIBYTE flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Output drive capability 50 Ω transmission lines at 85°C
• Integrated 30 Ω termination resistors
• Diode clamps to VCC and GND on all inputs
• Input diodes to accommodate strong drivers
• Complies with JEDEC standard no. 8-1A




Similar Part No. - 74ALVC162835A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74ALVC162835ADGG PHILIPS-74ALVC162835ADGG Datasheet
94Kb / 12P
18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
More results


Similar Description - 74ALVC162835A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCM162835 PHILIPS-74AVCM162835 Datasheet
97Kb / 10P
18-bit registered driver with 15 ohm termination resistors 3-State
2001 Apr 20
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74AVCM162835_2 PHILIPS-74AVCM162835_2_15 Datasheet
103Kb / 10P
18-bit registered driver with 15 W termination resistors (3-State)
2001 Apr 20
logo
Nexperia B.V. All right...
74LVT162244B NEXPERIA-74LVT162244B Datasheet
214Kb / 11P
3.3 V 16-bit buffer/driver with 30 Ω termination resistors; 3-state
Rev. 5 - 6 August 2021
74ALVT162245 NEXPERIA-74ALVT162245 Datasheet
232Kb / 13P
16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 3 February 2021
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
74ALVC162334A NEXPERIA-74ALVC162334A Datasheet
663Kb / 19P
16-bit registered driver with inverted register enable and 30 Ω termination resistors (3-state)
Rev. 03 - 13 December 2006
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
74ALVC162836A NEXPERIA-74ALVC162836A Datasheet
204Kb / 15P
20-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 6 April 2018
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com