Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162823 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVT162823 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVT162823
Download  74ALVT162823 Download
File Size   226.83 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state

74ALVT162823 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT162823 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVT162823
Download  74ALVT162823 Click to download

File Size   226.83 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state

74ALVT162823 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVT162823 Product details

1 General description
The 74ALVT162823 18-bit bus interface register is designed to eliminate the extra
packages required to buffer existing registers and provide extra data width for wider data
or address paths of buses carrying parity.
The 74ALVT162823 has two 9-bit wide buffered registers with clock enable (nCE) and
master reset (nMR) which are ideal for parity bus interfacing in high microprogrammed
systems.
The registers are fully edge-triggered. The state of each D input, one set-up time before
the LOW-to-HIGH clock transition is transferred to the corresponding Q output of the
flip-flop.
The 74ALVT162823 is designed with 30 Ω series resistance in both the pull-up and
pull-down output structures. This design reduces line noise in applications such as
memory address drivers, clock drivers, and bus receivers or transmitters.
2 Features and benefits
• Two sets of high speed parallel registers with positive edge-triggered D-type flip-flops
• 5 V I/O compatible
• Ideal where high speed, light loading or increased fan-in are required with MOS
microprocessors
• Bus hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
• Live insertion and extraction permitted
• Power-up 3-state
• Power-up reset
• Output capability: +12 mA to −12 mA
• Outputs include series resistance of 30 Ω making external termination resistors
unnecessary
• Latch-up protection:
– JESD78: exceeds 500 mA
• ESD protection:
– MIL STD 883, method 3015: exceeds 2000 V
– MM: exceeds 200 V




Similar Part No. - 74ALVT162823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
74ALVT162823DGG PHILIPS-74ALVT162823DGG Datasheet
103Kb / 14P
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
74ALVT162823DL PHILIPS-74ALVT162823DL Datasheet
103Kb / 14P
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
More results


Similar Description - 74ALVT162823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16823A PHILIPS-74ABT16823A Datasheet
86Kb / 12P
18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABT823 PHILIPS-74ABT823 Datasheet
77Kb / 7P
9-bit D-type flip-flop with reset and enable 3-State
1995 Sep 06
74ALVCH16823 PHILIPS-74ALVCH16823 Datasheet
103Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jul 29
74ALVT16823 PHILIPS-74ALVT16823 Datasheet
99Kb / 12P
18-bit bus-interface D-type flip-flop with reset and enable 3-State
1998 Jun 12
74ALVT162823 PHILIPS-74ALVT162823 Datasheet
103Kb / 14P
18-bit bus-interface D-type flip-flop with reset and enable with 30ohm termination resistors (3-State)
1998 Aug 27
74ABT823 NXP-74ABT823 Datasheet
324Kb / 17P
9-bit D-type flip-flop with reset and enable; 3-state
Rev. 03-23 March 2010
logo
Nexperia B.V. All right...
74ALVT162821 NEXPERIA-74ALVT162821 Datasheet
261Kb / 15P
20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
Rev. 5 - 19 October 2020
74ALVT16823 NEXPERIA-74ALVT16823 Datasheet
263Kb / 16P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 6 - 20 October 2020
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
74ALVCH16823 NEXPERIA-74ALVCH16823 Datasheet
218Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable; 3-state
Rev. 3 - 1 February 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com