Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162821 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVT162821 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVT162821
Download  74ALVT162821 Download
File Size   261.3 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state

74ALVT162821 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT162821 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVT162821
Download  74ALVT162821 Click to download

File Size   261.3 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state

74ALVT162821 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVT162821 Product details

1. General description
The 74ALVT162821 is a 20-bit positive-edge triggered D-type flip-flop with 30 Ω termination
resistors and 3-state outputs
The device can be used as two 10-bit flip-flops or one 20-bit flip-flop. The device features
two clocks (1CP and 2CP) and two output enables (1OE and 2OE), each controlling 10-bits.
The flip-flops will store the state of their individual D-inputs that meet the set-up and hold time
requirements on the LOW-to-HIGH clock (nCP) transition. A HIGH on nOE causes the outputs to
assume a high-impedance OFF-state. Operation of the nOE input does not affect the state of the
flip-flops. Bus hold data inputs eliminate the need for external pull-up resistors to define unused
inputs
2. Features and benefits
• Wide supply voltage range from 2.3 V to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• BiCMOS high speed and output drive
• Outputs include series resistance of 30 Ω making external termination resistors unnecessary
• No bus current loading when output is tied to 5 V bus
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• 20-bit positive-edge triggered register
• 5 V I/O compatible
• Multiple VCC and GND pins minimize switching noise
• Bus hold on data inputs
• Live insertion and extraction permitted
• Power-up reset
• Power-up 3-state
• Output capability: +12 mA and -12 mA
• Latch-up protection:
• JESD17: exceeds 500 mA
• ESD protection:
• MIL STD 883, method 3015: exceeds 2000 V
• MM: exceeds 200 V
• Specified from -40 °C to 85 °C




Similar Part No. - 74ALVT162821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
74ALVT162821DGG PHILIPS-74ALVT162821DGG Datasheet
97Kb / 12P
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
74ALVT162821DL PHILIPS-74ALVT162821DL Datasheet
97Kb / 12P
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
More results


Similar Description - 74ALVT162821

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16821A PHILIPS-74ABT16821A Datasheet
80Kb / 10P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ALVCH16821 PHILIPS-74ALVCH16821 Datasheet
95Kb / 12P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 May 29
74ALVT162821 PHILIPS-74ALVT162821 Datasheet
97Kb / 12P
2.5V/3.3V 20-bit bus-interface D-type flip-flop; positive-edge trigger with 30ohm termination resistors 3-State
1998 Oct 02
74ALVT16821 PHILIPS-74ALVT16821 Datasheet
94Kb / 13P
20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 13
74ABT821 NXP-74ABT821 Datasheet
100Kb / 16P
10-bit D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-25 February 2010
74ABT16821A NXP-74ABT16821A Datasheet
153Kb / 16P
20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 03-16 March 2010
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
74ALVT162823 NEXPERIA-74ALVT162823 Datasheet
226Kb / 18P
18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
Rev. 3 - 23 January 2018
74ALVT16821 NEXPERIA-74ALVT16821 Datasheet
218Kb / 16P
20-bit bus interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 4 - 22 January 2018
74ALVCH16821 NEXPERIA-74ALVCH16821 Datasheet
199Kb / 15P
20-bit bus-interface D-type flip-flop; positive-edge trigger; 3-state
Rev. 3 - 2 February 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com