Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162821 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # 74ALVT162821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162821 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT162821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Nexperia
74ALVT162821
20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
001aal795
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
nQn output
LOW-to-OFF
OFF-to-LOW
nQn output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
VM
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig. 8. OFF-state to HIGH and LOW propagation delays and LOW and HIGH to OFF-state propagation delays
Table 8. Measurement points
Input
Output
VCC
VI
VM
VM
VX
VY
VCC ≤ 2.7 V
VCC
0.5 x VCC
0.5 x VCC
VOL + 0.15 V
VOH - 0.15 V
VCC ≥ 3.0 V
3.0 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
74ALVT162821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 5 — 19 October 2020
10 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com