Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162821 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVT162821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162821 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVT162821 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Nexperia
74ALVT162821
20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1D0, 1D1, 1D2, 1D3, 1D4,
1D5, 1D6, 1D7, 1D8, 1D9
55, 54, 52, 51, 49,
48, 47, 45, 44, 43
data inputs
1Q0, 1Q1, 1Q2, 1Q3, 1Q4,
1Q5, 1Q6, 1Q7, 1Q8, 1Q9
2, 3, 5, 6, 8,
9, 10, 12, 13, 14
data outputs
2D0, 2D1, 2D2, 2D3, 2D4,
2D5, 2D6, 2D7, 2D8, 2D9
42, 41, 40, 38, 37,
36, 34, 33, 31, 30
data inputs
2Q0, 2Q1, 2Q2, 2Q3, 2Q4,
2Q5, 2Q6, 2Q7, 2Q8, 2Q9
15, 16, 17, 19, 20,
21, 23, 24, 26, 27
data outputs
1OE, 2OE
1, 28
output enable inputs (active LOW)
1CP, 2CP
56, 29
clock pulse inputs (active rising edge)
GND
4, 11, 18, 25,
32, 39, 46, 53
ground (0 V)
VCC
7, 22, 35, 50
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the LOW-to-HIGH clock transition;
L = LOW voltage level; I = LOW voltage level one set-up time prior to the LOW-to-HIGH clock transition;
NC = no change; X = don’t care;
Z = high-impedance OFF-state;
↑ = LOW-to-HIGH clock transition.
Input
Output
Operating mode
nOE
nCP
nDn
Internal register
nQn
L
↑
l
L
L
Load and read register
L
↑
h
H
H
Hold
L
NC
X
NC
NC
H
NC
X
NC
Z
Disable outputs
H
↑
nDn
nDn
Z
74ALVT162821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 5 — 19 October 2020
4 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com