Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162821 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74ALVT162821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162821 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT162821 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Nexperia
74ALVT162821
20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); Tamb = -40 °C to +85 °C; for test circuit see Fig. 9.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VCC = 2.5 V ± 0.2 V
tPLH
LOW to HIGH propagation delay
nCP to nQn; see Fig. 6
1.0
4.4
7.0
ns
tPHL
HIGH to LOW propagation delay
nCP to nQn; see Fig. 6
1.0
3.8
6.4
ns
tPZH
OFF-state to HIGH propagation delay nOE to nQn; see Fig. 8
1.5
4.6
7.5
ns
tPZL
OFF-state to LOW propagation delay nOE to nQn; see Fig. 8
1.0
2.8
4.6
ns
tPHZ
HIGH to OFF-state propagation delay nOE to nQn; see Fig. 8
1.5
3.5
5.5
ns
tPLZ
LOW to OFF-state propagation delay nOE to nQn; see Fig. 8
1.0
3.7
5.7
ns
nDn to nCP HIGH; see Fig. 7
1.5
0.1
-
ns
tsu
set-up time
nDn to nCP LOW; see Fig. 7
2.0
0.5
-
ns
nDn to nCP HIGH; see Fig. 7
0.3
-0.5
-
ns
th
hold time
nDn to nCP LOW; see Fig. 7
0.5
-0.1
ns
tW
pulse width
nCP HIGH or LOW; see Fig. 6
1.5
-
-
ns
fmax
maximum frequency
nCP; see Fig. 6
150
-
-
MHz
VCC = 3.3 V ± 0.3 V
tPLH
LOW to HIGH propagation delay
nCP to nQn; see Fig. 6
1.0
3.2
5.0
ns
tPHL
HIGH to LOW propagation delay
nCP to nQn; see Fig. 6
1.0
3.2
4.7
ns
tPZH
OFF-state to HIGH propagation delay nOE to nQn; see Fig. 8
1.0
3.4
5.6
ns
tPZL
OFF-state to LOW propagation delay nOE to nQn; see Fig. 8
0.5
2.3
3.7
ns
tPHZ
HIGH to OFF-state propagation delay nOE to nQn; see Fig. 8
1.5
3.7
5.4
ns
tPLZ
LOW to OFF-state propagation delay nOE to nQn; see Fig. 8
1.5
3.0
4.3
ns
tsu
set-up time
nDn to nCP HIGH or LOW; see Fig. 7
1.5
0.1
-
ns
th
hold time HIGH
nDn to nCP HIGH or LOW; see Fig. 7
0.5
0.1
-
ns
tW
pulse width
nCP HIGH or LOW; see Fig. 6
1.5
-
-
ns
fmax
maximum frequency
nCP; see Fig. 6
150
-
-
MHz
[1] All typical values for VCC = 2.5 V ± 0.2 V are measured at VCC = 2.5 V and Tamb = 25 °C.
All typical values for VCC = 3.3 V ± 0.3 V are measured at VCC = 3.3 V and Tamb = 25 °C.
74ALVT162821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 5 — 19 October 2020
8 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com