Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162821 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74ALVT162821
Description  20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162821 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74ALVT162821 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74ALVT162821 Datasheet HTML 15Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Nexperia
74ALVT162821
20-bit bus interface D-type flip-flop; positive-edge trigger with 30 Ω termination resistors; 3-state
12. Abbreviations
Table 10. Abbreviations
Acronym
Description
BiCMOS
Bipolar Complementary Metal Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
MIL
Military
MM
Machine Model
MOS
Metal Oxide Semiconductor
13. Revision history
Table 11. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
74ALVT162821 v.5
20201019
Product data sheet
-
74ALVT162821 v.4
Modifications:
• Type number 74ALVT162821DGG (SOT371-1 / SSOP56) removed.
• Section 1 and Section 2 updated.
• Table 4: Derating values for Ptot total power dissipation updated.
74ALVT162821 v.4
20180124
Product data sheet
-
74ALVT162821 v.3
Modifications:
• The format of this data sheet has been redesigned to comply with the identity
guidelines of Nexperia.
• Legal texts have been adapted to the new company name where appropriate.
74ALVT162821 v.3
19981002
Product data sheet
-
74ALVT162821 v.2
74ALVT162821 v.2
19980213
Product specification
-
74ALVT162821 v.1
74ALVT162821 v.1
19971117
Product specification
-
-
74ALVT162821
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 5 — 19 October 2020
13 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com