Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL432-CSF Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

TL432-CSF Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # TL432-CSF
Download  TL432-CSF Download
File Size   165.81 Kbytes
Page   5 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description Low Voltage(1.24V) Adjustable Precision Shunt Regulator

TL432-CSF Datasheet (PDF)

Go To PDF Page Download Datasheet
TL432-CSF Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # TL432-CSF
Download  TL432-CSF Click to download

File Size   165.81 Kbytes
Page   5 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description Low Voltage(1.24V) Adjustable Precision Shunt Regulator

TL432-CSF Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


TL432-CSF Product details

DESCRIPSION
The TL432 is a three-terminal Shunt Voltage Reference providing a highly accuracy 1.24V band-gap reference with 0.5% and 1.0% tolerance. The TL432 thermal stability and wide operating current(100mA) makes is suitable for all variety of applications that are looking for a low cost solution with high performance. The TL432 is an ideal voltage reference in an isolated feed circuit for 3.0V to 3.3V switching mode power supplies.
   
FEATURES
● Low Voltage Operation : 1.24 V
● Programmable Out Voltage to 18V
● Sink Current Capability of 1mA to 100mA
● Equivalent full range Temperature Coefficient of
    50ppm/℃
● Temperature Compensated for operation
    over full rated operating Temperature Range
● Low Output Noise Voltage
● Moisture Sensitivity Level 3
   
APPLICATION
● Shunt Regulator
● Voltage Monitoring
● Current Source and Sink Circuits
● Analog & Digital Circuits Requiring Precision References
● Low Out Voltage (3.0V to 3.3V) Switching Power Supply
    Error Amplifier
   




Similar Part No. - TL432-CSF

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432-CZ HTC-TL432-CZ Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432-CZSF HTC-TL432-CZSF Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
More results


Similar Description - TL432-CSF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com