Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC1T8128 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC1T8128 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC1T8128
Download  74AVC1T8128 Download
File Size   205.8 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single dual-supply translating 2-input NOR with enable

74AVC1T8128 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC1T8128 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC1T8128
Download  74AVC1T8128 Click to download

File Size   205.8 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single dual-supply translating 2-input NOR with enable

74AVC1T8128 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC1T8128 Product details

1. General description
The 74AVC1T8128 is a single dual-supply translating 2-input NOR with enable input. It features
two data input pins (A, B), one enable input pin (E), one data output pin (Y) and dual-supply pins
(VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage between 0.8 V and
3.6 V making the device suitable for translating between any of the low voltage nodes (0.8 V, 1.2 V,
1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins A, B and E are referenced to VCC(A) and pin Y is referenced to
VCC(B).
The logic equation provided at the Y output is:
Y = E + A•B
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In Suspend mode when either VCC(A) or VCC(B) are at GND level, the Y output is in
the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 exceeds 8000 V
• CDM: ANSI/ESDA/JEDEC JS-002 exceeds 1000 V
• Maximum data rates:
• 500 Mbit/s (1.8 V to 3.3 V translation)
• 320 Mbit/s (<1.8 V to 3.3 V translation)
• 320 Mbit/s (translate to 2.5 V or 1.8 V)
• 280 Mbit/s (translate to 1.5 V)
• 240 Mbit/s (translate to 1.2 V)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC1T8128

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC1T8832 NEXPERIA-74AVC1T8832 Datasheet
209Kb / 13P
Single dual-supply translating 2-input OR with strobe
Rev. 1 - 10 October 2018
74AVC1T8832GS NEXPERIA-74AVC1T8832GS Datasheet
209Kb / 13P
Single dual-supply translating 2-input OR with strobe
Rev. 1 - 10 October 2018
More results


Similar Description - 74AVC1T8128

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HD74LV2G02A FAIRCHILD-HD74LV2G02A Datasheet
82Kb / 9P
Dual 2-input NOR Gates
logo
Renesas Technology Corp
RD74VT1G02 RENESAS-RD74VT1G02 Datasheet
2Mb / 8P
2-input NOR Gate / Dual Supply Voltage Translator
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
Dual 2-input NOR Gate
logo
Nexperia B.V. All right...
74LV1T86 NEXPERIA-74LV1T86 Datasheet
234Kb / 13P
2-input single supply translating EXCLUSIVE-OR gate
Rev. 4 - 16 August 2022
74LV1T87 NEXPERIA-74LV1T87 Datasheet
232Kb / 13P
2-input single supply translating EXCLUSIVE-NOR gate
Rev. 4 - 24 February 2022
74LV1T00 NEXPERIA-74LV1T00 Datasheet
232Kb / 13P
2-input single supply translating NAND gate
Rev. 4 - 4 February 2022
74LV1T02 NEXPERIA-74LV1T02 Datasheet
232Kb / 13P
2-input single supply translating NOR gate
Rev. 4 - 15 August 2022
74LV1T08 NEXPERIA-74LV1T08 Datasheet
230Kb / 13P
2-input single supply translating AND gate
Rev. 4 - 23 February 2022
74LV1T32 NEXPERIA-74LV1T32 Datasheet
229Kb / 12P
2-input single supply translating OR gate
Rev. 4 - 23 February 2022
74AVC1T8832 NEXPERIA-74AVC1T8832 Datasheet
209Kb / 13P
Single dual-supply translating 2-input OR with strobe
Rev. 1 - 10 October 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com