Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC1T8832 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC1T8832 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC1T8832
Download  74AVC1T8832 Download
File Size   209.06 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single dual-supply translating 2-input OR with strobe

74AVC1T8832 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC1T8832 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC1T8832
Download  74AVC1T8832 Click to download

File Size   209.06 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single dual-supply translating 2-input OR with strobe

74AVC1T8832 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC1T8832 Product details

1. General description
The 74AVC1T8832 is a single dual-supply translating 2-input OR with strobe inputs. It features
two data input pins (A, B), two strobe input pins (STRA, STRB), one data output pin (Y) and
dual-supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage
between 0.8 V and 3.6 V making the device suitable for translating between any of the low voltage
nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins A, B, STRA and STRB are referenced to
VCC(A) and pin Y is referenced to VCC(B).
The logic equation provided at the Y output is:
Y = STRA•A + STRB•B
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In Suspend mode when either VCC(A) or VCC(B) are at GND level, the Y output is in
the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 exceeds 8000 V
• CDM: ANSI/ESDA/JEDEC JS-002 exceeds 1000 V
• Maximum data rates:
• 500 Mbit/s (1.8 V to 3.3 V translation)
• 320 Mbit/s (<1.8 V to 3.3 V translation)
• 320 Mbit/s (translate to 2.5 V or 1.8 V)
• 280 Mbit/s (translate to 1.5 V)
• 240 Mbit/s (translate to 1.2 V)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC1T8832

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC1T8128 NEXPERIA-74AVC1T8128 Datasheet
205Kb / 12P
Single dual-supply translating 2-input NOR with enable
Rev. 1 - 10 October 2018
74AVC1T8128GS NEXPERIA-74AVC1T8128GS Datasheet
205Kb / 12P
Single dual-supply translating 2-input NOR with enable
Rev. 1 - 10 October 2018
More results


Similar Description - 74AVC1T8832

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74VT1G32 RENESAS-RD74VT1G32 Datasheet
2Mb / 8P
2-input OR Gate / Dual Supply Voltage Translator
logo
Nexperia B.V. All right...
74AXP1T32 NEXPERIA-74AXP1T32 Datasheet
225Kb / 14P
Dual supply 2-input OR gate
74LV1T04-Q100 NEXPERIA-74LV1T04-Q100 Datasheet
200Kb / 10P
Single supply translating inverter
Rev. 2 - 7 February 2022
74LV1T86 NEXPERIA-74LV1T86 Datasheet
234Kb / 13P
2-input single supply translating EXCLUSIVE-OR gate
Rev. 4 - 16 August 2022
74LV1T87 NEXPERIA-74LV1T87 Datasheet
232Kb / 13P
2-input single supply translating EXCLUSIVE-NOR gate
Rev. 4 - 24 February 2022
74LV1T00 NEXPERIA-74LV1T00 Datasheet
232Kb / 13P
2-input single supply translating NAND gate
Rev. 4 - 4 February 2022
74LV1T02 NEXPERIA-74LV1T02 Datasheet
232Kb / 13P
2-input single supply translating NOR gate
Rev. 4 - 15 August 2022
74LV1T08 NEXPERIA-74LV1T08 Datasheet
230Kb / 13P
2-input single supply translating AND gate
Rev. 4 - 23 February 2022
74LV1T32 NEXPERIA-74LV1T32 Datasheet
229Kb / 12P
2-input single supply translating OR gate
Rev. 4 - 23 February 2022
74AVC1T8128 NEXPERIA-74AVC1T8128 Datasheet
205Kb / 12P
Single dual-supply translating 2-input NOR with enable
Rev. 1 - 10 October 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com