Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC4T245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC4T245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC4T245
Download  74AVC4T245 Download
File Size   377.43 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC4T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC4T245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC4T245
Download  74AVC4T245 Click to download

File Size   377.43 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC4T245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC4T245 Product details

1. General description
The 74AVC4T245 is an 4-bit, dual supply transceiver that enables bidirectional level translation.
The device can be used as two 2-bit transceivers or as a 4-bit transceiver. It features four 2-bit
input-output ports (nAn and nBn), a direction control input (nDIR), a output enable input (nOE)
and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage
between 0.8 V and 3.6 V making the device suitable for translating between any of the low voltage
nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins nAn, nOE and nDIR are referenced to
VCC(A) and pins nBn are referenced to VCC(B). A HIGH on nDIR allows transmission from nAn to
nBn and a LOW on nDIR allows transmission from nBn to nAn. The output enable input (nOE) can
be used to disable the outputs so the buses are effectively isolated.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both nAn and nBn
are in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E Class 3B exceeds 8000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Maximum data rates:
• 380 Mbit/s (≥ 1.8 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 2.5 V translation)
• 200 Mbit/s (≥ 1.1 V to 1.8 V translation)
• 150 Mbit/s (≥ 1.1 V to 1.5 V translation)
• 100 Mbit/s (≥ 1.1 V to 1.2 V translation)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC4T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245BQ NXP-74AVC4T245BQ Datasheet
142Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
logo
Nexperia B.V. All right...
74AVC4T245BQ-Q100 NEXPERIA-74AVC4T245BQ-Q100 Datasheet
350Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245D NXP-74AVC4T245D Datasheet
142Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
More results


Similar Description - 74AVC4T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC4T245 NXP-74AVC4T245 Datasheet
142Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-20 July 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com