Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC4T245 Datasheet (PDF) - NXP Semiconductors

74AVC4T245 Datasheet PDF - NXP Semiconductors
Part # 74AVC4T245
Download  74AVC4T245 Download
File Size   142.79 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC4T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC4T245 Datasheet PDF - NXP Semiconductors

Part # 74AVC4T245
Download  74AVC4T245 Click to download

File Size   142.79 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC4T245 Datasheet (HTML) - NXP Semiconductors


74AVC4T245 Product details

General description
The 74AVC4T245 is an 4-bit, dual supply transceiver that enables bidirectional level translation. The device can be used as two 2-bit transceivers or as a 4-bit transceiver. It features two data input-output ports (nAn and nBn), a direction control input (nDIR), a output enable input (nOE) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can be supplied at any voltage between 0.8 V and 3.6 V making the device suitable for translating between any of the low voltage nodes (0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V and 3.3 V). Pins nAn, nOE and nDIR are referenced to VCC(A) and pins nBn are referenced to VCC(B). A HIGH on nDIR allows transmission from nAn to nBn and a LOW on nDIR allows transmission from nBn to nAn. The output enable input (nOE) can be used to disable the outputs so the buses are effectively isolated.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing any damaging backflow current through the device when it is powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both nAn and nBn are in the high-impedance OFF-state.

Features
■ Wide supply voltage range:
   ♦ VCC(A): 0.8 V to 3.6 V
   ♦ VCC(B): 0.8 V to 3.6 V
■ Complies with JEDEC standards:
   ♦ JESD8-12 (0.8 V to 1.3 V)
   ♦ JESD8-11 (0.9 V to 1.65 V)
   ♦ JESD8-7 (1.2 V to 1.95 V)
   ♦ JESD8-5 (1.8 V to 2.7 V)
   ♦ JESD8-B (2.7 V to 3.6 V)
■ ESD protection:
   ♦ HBM JESD22-A114E Class 3B exceeds 8000 V
   ♦ MM JESD22-A115-A exceeds 200 V
   ♦ CDM JESD22-C101C exceeds 1000 V
■ Maximum data rates:
   ♦ 380 Mbit/s (≥ 1.8 V to 3.3 V translation)
   ♦ 200 Mbit/s (≥ 1.1 V to 3.3 V translation)
   ♦ 200 Mbit/s (≥ 1.1 V to 2.5 V translation)
   ♦ 200 Mbit/s (≥ 1.1 V to 1.8 V translation)
   ♦ 150 Mbit/s (≥ 1.1 V to 1.5 V translation)
   ♦ 100 Mbit/s (≥ 1.1 V to 1.2 V translation)
■ Suspend mode
■ Latch-up performance exceeds 100 mA per JESD 78 Class II
■ Inputs accept voltages up to 3.6 V
■ IOFF circuitry provides partial Power-down mode operation
■ Multiple package options
■ Specified from −40 °C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74AVC4T245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245BQ NEXPERIA-74AVC4T245BQ Datasheet
377Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC4T245BQ-Q100 NEXPERIA-74AVC4T245BQ-Q100 Datasheet
350Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245BZ NEXPERIA-74AVC4T245BZ Datasheet
377Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Similar Description - 74AVC4T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com