Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSP35LV Datasheet (PDF) - T-Global Technology

NSP35LV Datasheet PDF - T-Global Technology
Part # NSP35LV
Download  NSP35LV Download
File Size   584.36 Kbytes
Page   1 Pages
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology
Description TG-NSP35LV Non-Silicone Thermal Putty

NSP35LV Datasheet (PDF)

Go To PDF Page Download Datasheet
NSP35LV Datasheet PDF - T-Global Technology

Part # NSP35LV
Download  NSP35LV Click to download

File Size   584.36 Kbytes
Page   1 Pages
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology
Description TG-NSP35LV Non-Silicone Thermal Putty

NSP35LV Datasheet (HTML) - T-Global Technology


NSP35LV Product details

Features
• Thermal Conductivity 3.5 W/mK
• Easily dispensable from manual, semi-automatic
or fully automatic systems
• Full turn-key support from T-Global
• Low thermal impedance
• Low viscosity at room temperature
• Ultra-low compression forces
• High tack on most surfaces and reworkable
• Proven long term reliability

Applications
Consumer Electronics - Set-top boxes, IP routers, ECUs, Memory and Power
modules




Similar Part No. - NSP35LV

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
NSP300 YAGEO-NSP300 Datasheet
1Mb / 9P
Cement Resistors
Mar. 06, 2024 V.4
NSP30A YAGEO-NSP30A Datasheet
1Mb / 9P
Cement Resistors
Mar. 06, 2024 V.4
logo
NIC-Components Corp.
NSP330M10D2ATRF NIC-NSP330M10D2ATRF Datasheet
257Kb / 6P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP330M6.3D2ATRF NIC-NSP330M6.3D2ATRF Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP330M6.3D2TRF NIC-NSP330M6.3D2TRF Datasheet
72Kb / 5P
Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results


Similar Description - NSP35LV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
T-Global Technology
TG-A7000 TGLOBAL-TG-A7000 Datasheet
339Kb / 1P
Thermal Putty
Version17 20210203
TG-937 TGLOBAL-TG-937 Datasheet
569Kb / 1P
TG 937 Silicone Thermal Grease
TG-APC93 TGLOBAL-TG-APC93 Datasheet
477Kb / 1P
Non-silicone Thermal Pad
20230721
TG-APC94 TGLOBAL-TG-APC94 Datasheet
531Kb / 1P
Non-silicone Thermal Pad
20230721
TG-N909 TGLOBAL-TG-N909 Datasheet
390Kb / 1P
Non-silicone Thermal Grease
20230721
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
Non-Silicone Thermal Putty
TG-NSP36K-1-1 TGLOBAL-TG-NSP36K-1-1 Datasheet
586Kb / 1P
Non-Silicone Thermal Putty
TG-NSP80 TGLOBAL-TG-NSP80 Datasheet
582Kb / 1P
Non-Silicone Thermal Putty
TG-S606A-ULR TGLOBAL-TG-S606A-ULR Datasheet
597Kb / 1P
Non-Silicone Thermal Grease
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com