Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG-NSP80 Datasheet (PDF) - T-Global Technology

TG-NSP80 Datasheet PDF - T-Global Technology
Part # TG-NSP80
Download  TG-NSP80 Download
File Size   582.52 Kbytes
Page   1 Pages
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology
Description Non-Silicone Thermal Putty

TG-NSP80 Datasheet (PDF)

Go To PDF Page Download Datasheet
TG-NSP80 Datasheet PDF - T-Global Technology

Part # TG-NSP80
Download  TG-NSP80 Click to download

File Size   582.52 Kbytes
Page   1 Pages
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology
Description Non-Silicone Thermal Putty

TG-NSP80 Datasheet (HTML) - T-Global Technology


TG-NSP80 Product details

Features
Easily dispensable from manual, semi-automatic or fully automatic systems
Full turn-key support from T-Global
Low thermal impedance
High thermal conductivity
Ultra-low compression forces
High tack on most surfaces and reworkable
Proven long term reliability
Available in cartridges (30cc, 50cc, 75cc, 180cc, 360cc, 600cc,) and pails (2.1kg, 5kg,
9kg, 25kg, 36kg)

Applications
Consumer electronics, Set-top boxes, IP routers, ECUs, Memory and Power modules




Similar Part No. - TG-NSP80

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
Non-Silicone Thermal Putty
TG-NSP36K-1-1 TGLOBAL-TG-NSP36K-1-1 Datasheet
586Kb / 1P
Non-Silicone Thermal Putty
More results


Similar Description - TG-NSP80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
T-Global Technology
TG-A7000 TGLOBAL-TG-A7000 Datasheet
339Kb / 1P
Thermal Putty
Version17 20210203
NSP35LV TGLOBAL-NSP35LV Datasheet
584Kb / 1P
TG-NSP35LV Non-Silicone Thermal Putty
TG-937 TGLOBAL-TG-937 Datasheet
569Kb / 1P
TG 937 Silicone Thermal Grease
TG-APC93 TGLOBAL-TG-APC93 Datasheet
477Kb / 1P
Non-silicone Thermal Pad
20230721
TG-APC94 TGLOBAL-TG-APC94 Datasheet
531Kb / 1P
Non-silicone Thermal Pad
20230721
TG-N909 TGLOBAL-TG-N909 Datasheet
390Kb / 1P
Non-silicone Thermal Grease
20230721
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
Non-Silicone Thermal Putty
TG-NSP36K-1-1 TGLOBAL-TG-NSP36K-1-1 Datasheet
586Kb / 1P
Non-Silicone Thermal Putty
TG-S606A-ULR TGLOBAL-TG-S606A-ULR Datasheet
597Kb / 1P
Non-Silicone Thermal Grease
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com