Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLRT0504LC Datasheet (PDF) - Protek Devices

PLRT0504LC Datasheet PDF - Protek Devices
Part # PLRT0504LC
Download  PLRT0504LC Download
File Size   908.68 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultr a low capacitance steering diode/thyristor

PLRT0504LC Datasheet (PDF)

Go To PDF Page Download Datasheet
PLRT0504LC Datasheet PDF - Protek Devices

Part # PLRT0504LC
Download  PLRT0504LC Click to download

File Size   908.68 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultr a low capacitance steering diode/thyristor

PLRT0504LC Datasheet (HTML) - Protek Devices


PLRT0504LC Product details

Description
The PLRT0504LC is an ultra low capacitance steering diode/Thyristor. This device is designed to protect computing
applications such as HDMI, USB (1.0-3.0) and DVI interfaces, as well as telecommunications equipment/systems.
The PLRT504LC is available in a space saving DFN-10 package configuration.
This device meets IEC 61000-4-2, IEC 61000-4-4 and IEC61000-4-5 requirements. At higher operating frequencies
or faster edge rates, insertion loss and signal integrity are a major concern. The PLRT0504LC, in conjunction with
passive components integrated into a TVS/filter network can be used for EMI/RFI protection.

Feat ures
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 7A - 8/20μs
• ESD Protection > 25 kilovolts
• Protects 4 Data Lines
• Low Leakage Current < 0.1μA
• Ultra Low Capacitance: 0.3pF Typical (I/O to GND)
• RoHS Compliant
• REACH Compliant

applications
• DVI Interface
• High-speed Data Line ESD Protection
• FireWire, SATA, PCIe Interfaces
• USB 1.0 - 3.0
• HDMI 1.4 - 2.0




Similar Part No. - PLRT0504LC

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
PLR RALTRON-PLR Datasheet
139Kb / 1P
RF PLL Synthesizer
logo
Radiometrix Ltd
PLR RADIOMETRIX-PLR Datasheet
459Kb / 12P
NBFM Multi channel Data Packet Link Radios
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Bourns Electronic Solut...
PLR BOURNS-PLR Datasheet
705Kb / 4P
PLR Series – Planar Transformer
01/24
logo
PREMO CORPORATION S.L
PLR01-40HA PREMO-PLR01-40HA Datasheet
212Kb / 3P
Linear chokes
More results


Similar Description - PLRT0504LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ET108 PROTEC-ET108_10 Datasheet
462Kb / 6P
low capacitance steering diode array
ET108 PROTEC-ET108_12 Datasheet
477Kb / 6P
LOW CAPACITANCE STEERING DIODE ARRAY
ET721-LF-T7 PROTEC-ET721-LF-T7 Datasheet
604Kb / 7P
ultr a low capacitance steering diode array
PLR0524 PROTEC-PLR0524_15 Datasheet
805Kb / 9P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0524P PROTEC-PLR0524P_15 Datasheet
528Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR3304 PROTEC-PLR3304_15 Datasheet
507Kb / 7P
ULTRA LOW CAPACITANCE STEERING DIODE
PAM13ST2305 PROTEC-PAM13ST2305_15 Datasheet
678Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE
PLC497 PROTEC-PLC497_15 Datasheet
581Kb / 9P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0504F PROTEC-PLR0504F_15 Datasheet
526Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE
PLR0506 PROTEC-PLR0506_15 Datasheet
475Kb / 5P
ULTRA LOW CAPACITANCE STEERING DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com