Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLRT0504LC Datasheet(PDF) 2 Page - Protek Devices

Part # PLRT0504LC
Description  ultr a low capacitance steering diode/thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PLRT0504LC Datasheet(HTML) 2 Page - Protek Devices

  PLRT0504LC Datasheet HTML 1Page - Protek Devices PLRT0504LC Datasheet HTML 2Page - Protek Devices PLRT0504LC Datasheet HTML 3Page - Protek Devices PLRT0504LC Datasheet HTML 4Page - Protek Devices PLRT0504LC Datasheet HTML 5Page - Protek Devices PLRT0504LC Datasheet HTML 6Page - Protek Devices PLRT0504LC Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
05637.R5 5/23
Page 2
PLRT0504LC
ISO 9001 CERTIFIED COMPANY
typical device characteristics
MAXIMuM RATINGS @ 25°c Unless Otherwise Specified
PARAMETER
SYMBOl
VAluE
uNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
70
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Current
I
PP
7
Amps
ESD Voltage Level per IEC 61000-4-2 (Contact)
V
ESD
±10
kV
ESD Voltage Level per IEC 61000-4-2 (Air)
V
ESD
±25
kV
ElECTRICAl ChARACTERISTICS PER lINE @ 25°c Unless Otherwise Specified
PART
NuMBER
DEVICE
markiNg
RATED
STaND-OFF
VOlTAGE
(Note 1)
V
WM
VOlTS
MINIMuM
BreakDOWN
VOlTAGE
(Note 1)
@ 1mA
V
(Br)
VOlTS
TYPICAl
ClAMPING
VOlTAGE
8/20µs
@ i
P = 7A
V
C
VOlTS
MAXIMuM
leakge
CuRRENT
@3.3V
I
R
µA
MAXIMuM
CAPACITANCE
i/O - gND
(Note 2)
f = 200Mhz to
2.5gHz
C
pF
MAXIMuM
CAPACITANCE
i/O - gND
(Note 2)
f = 2.5gHz to
9Ghz
C
pF
TYPICAl
cUT-OFF
FREquENCY
@ -3dB
fc
Ghz
PLRT0504LC
T5LC
5.0
6.2
10.0
0.05
0.7
0.6
16
NOTES
1. Per IEC 61000-4-2 8kV Contact Discharge at 30ns.
2. V
bias = 0Vdc, VOSC = 30mV(RMS)
FIGuRE 1
peak pUlSe pOWer VS pUlSe Time
t
d - pulse Duration - µs
70W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
1
10
100
1,000



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com