Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLVU2.8-4LC Datasheet (PDF) - Protek Devices

SLVU2.8-4LC Datasheet PDF - Protek Devices
Part # SLVU2.8-4LC
Download  SLVU2.8-4LC Download
File Size   636.22 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 600 WATT MULTI-LINE ult ra LOW CAPACITANCE TVS ARR AY

SLVU2.8-4LC Datasheet (PDF)

Go To PDF Page Download Datasheet
SLVU2.8-4LC Datasheet PDF - Protek Devices

Part # SLVU2.8-4LC
Download  SLVU2.8-4LC Click to download

File Size   636.22 Kbytes
Page   9 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description 600 WATT MULTI-LINE ult ra LOW CAPACITANCE TVS ARR AY

SLVU2.8-4LC Datasheet (HTML) - Protek Devices


SLVU2.8-4LC Product details

Description
The SLVU2.8-4LC is an ultra low capacitance TVS array that provides two line pairs of protection. This device protects
high-frequency applications such as voice, video and data related systems and is designed to minimize the effects
of high overshoot voltage experienced during and ESD event. This device has an in-line design, which reduces lead
inductance thus providing lower overshoot voltage.
The SLVU2.8-4LC meets IEC 61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements. Packaged in an SO-8 configuration,
this device is rated for 600 Watts Peak Pulse Power, for an 8/20μs waveform.

Features
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20μs - Level 2(Line-
Gnd) & Level 3(Line-Line)
• 600 Watts Peak Pulse Power per Line (tp = 8/20μs)
• Protects up to Two Line Pairs
• ESD Protection > 40 kilovolts
• Low Leakage Current < 10nA @ VWM (Typical)
• Ultra Low Capacitance: 2pF (Maximum)
• RoHS Compliant
• REACH Compliant

applications
• Ethernet - 10/100/1000 Base T
• SMART Phones
• Audio/Video Inputs
• Portable Electronics




Similar Part No. - SLVU2.8-4LC

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SLVU2.8-4L LEIDITECH-SLVU2.8-4L Datasheet
858Kb / 4P
Ultra Low Capacitance Bi-Directional TVS Diode Array
More results


Similar Description - SLVU2.8-4LC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_11 Datasheet
696Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-8 PROTEC-SLVU2.8-8_11 Datasheet
695Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
ultra low capacitance steering diode/tvs arr ay
SRV05-4M PROTEC-SRV05-4M Datasheet
613Kb / 7P
ultra low capacitance steering diode/tvs arr ay
SLVDA2.8LC PROTEC-SLVDA2.8LC_12 Datasheet
709Kb / 8P
600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_12 Datasheet
623Kb / 9P
200w low capacitance fl ip chip tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
ultra low capacitance steering diode/tvs arr ay
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
ultra low capacitance steering diode/tvs arr ay
SLVU2.8-4 PROTEC-SLVU2.8-4_12 Datasheet
699Kb / 8P
600 WATT MULTI-LINE ultra LOW CAPACITANCE TVS ARRAY
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
ultra low capacitance steering diode/tvs arr ay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com