Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRV05-4M Datasheet (PDF) - Protek Devices

SRV05-4M Datasheet PDF - Protek Devices
Part # SRV05-4M
Download  SRV05-4M Download
File Size   613.08 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance steering diode/tvs arr ay

SRV05-4M Datasheet (PDF)

Go To PDF Page Download Datasheet
SRV05-4M Datasheet PDF - Protek Devices

Part # SRV05-4M
Download  SRV05-4M Click to download

File Size   613.08 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra low capacitance steering diode/tvs arr ay

SRV05-4M Datasheet (HTML) - Protek Devices


SRV05-4M Product details

DESCRIPTION
The SRV05-4M is a dual USB port protection array that features ultra low capacitance. This device can be used in applications such as video cards, SMART phones, Gigabit Ethernet and other computer interfaces. Designed for ESD protection, the SRV05-4M can clamp the effects of electrical fast transients on the power bus.
The SRV05-4M combines 8 low capacitance steering diodes for up to four individual data or transmission lines and one TVS diode for power bus protection. This device is available in the space-saving SOT-23-6 package configuration, which minimizes lead inductance to prevent overshoot voltages during high ESD current events. SRV05-4M meets the IEC 61000-4-2, 61000-4-2 and 61000-4-5 requirements with ESD measured at ±30kV contact and air discharge.

FEATURES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 24A, 8/20µs - Level 2(LineGnd) & Level 3(Line-Line0
• 400 Watts Peak Pulse Power per Line(tp = 8/20µs)
• ESD Protection > 25 kilovolts
• Low Clamping Voltage
• Protection for 4 Lines
• Ultra Low Capacitance (Typical): 4.5pF I/O to GND, 2.5pF I/O to I/O
• RoHS Compliant
• REACH Compliant

APPLICATIONS
• Gigabit Ethernet
• SMART Phones
• Portable Electronics
• Video Card Interfaces
• USB 2.0 Interfaces
• DVI Interfaces




Similar Part No. - SRV05-4M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SRV05-4MR6 ONSEMI-SRV05-4MR6 Datasheet
183Kb / 9P
Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
SRV05-4MR6T1G ONSEMI-SRV05-4MR6T1G Datasheet
183Kb / 9P
Transient Voltage Suppressors ESD Protection Diodes with Low Clamping Voltage
November, 2009 ??Rev. 0
SRV05-4MR6T1G ONSEMI-SRV05-4MR6T1G Datasheet
147Kb / 9P
ESD Protection Diodes
November, 2011 ??Rev. 1
SRV05-4MR6T1G ONSEMI-SRV05-4MR6T1G Datasheet
114Kb / 9P
Transient Voltage Suppressors
August, 2016 ??Rev. 2
More results


Similar Description - SRV05-4M

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SRV05-4 PROTEC-SRV05-4_11 Datasheet
630Kb / 8P
ultra low capacitance steering diode/tvs array
SRV05-4LC PROTEC-SRV05-4LC Datasheet
548Kb / 7P
ultra low capacitance steering diode/tvs array
PAM05SC700504F PROTEC-PAM05SC700504F Datasheet
525Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524P PROTEC-PLR0524P Datasheet
778Kb / 6P
ultra low capacitance steering diode/tvs arr ay
PLR0504F PROTEC-PLR0504F_12 Datasheet
524Kb / 6P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PLR0524 PROTEC-PLR0524 Datasheet
941Kb / 8P
ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
LC0408FC3.3C PROTEC-LC0408FC3.3C_12 Datasheet
623Kb / 9P
200w low capacitance fl ip chip tvs arr ay
PLR0508 PROTEC-PLR0508_12 Datasheet
916Kb / 7P
ultra low capacitance steering diode/tvs arr ay
PLR3304 PROTEC-PLR3304_12 Datasheet
819Kb / 7P
ultra low capacitance steering diode/tvs arr ay
SRV2.8-4 PROTEC-SRV2.8-4 Datasheet
555Kb / 7P
ultra low capacitance steering diode/tvs arr ay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com