Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE128300 Datasheet (PDF) - Peregrine Semiconductor

PE128300 Datasheet PDF - Peregrine Semiconductor
Part # PE128300
Download  PE128300 Download
File Size   147.67 Kbytes
Page   3 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description Dual-channel Up-Down Converter, 24.25–29.50 GHz

PE128300 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE128300 Datasheet PDF - Peregrine Semiconductor

Part # PE128300
Download  PE128300 Click to download

File Size   147.67 Kbytes
Page   3 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description Dual-channel Up-Down Converter, 24.25–29.50 GHz

PE128300 Datasheet (HTML) - Peregrine Semiconductor


PE128300 Product details

Features
• Supports bands n257, n258 and n261
• Compatible with PE188100 and PE188200
8-channel beamforming front ends
• Fast TDD switching in < 400 ns
• Separate V and H channels use a single X4 LO
multiplier
• Image reject up and down converters with I/Q
balance adjustment
• IF, LO I/Q phase and IF amplitude adjustment
• TX OP1dB = +14 dBm, RX IIP3 = +7 dBm,
RX NF = 6.0 dB
• Up to 16 pre-stored modes selected by an 8-bit
mode command via SPI interface
• Package—Flip chip die

Applications
• 5G base stations
• 5G customer premises equipment (CPE)
• Point-to-point radio




Similar Part No. - PE128300

ManufacturerPart #DatasheetDescription
logo
Powertip Technology
PE12864-001 POWERTIP-PE12864-001 Datasheet
526Kb / 1P
POWERTIP
PE12864-001-C1 POWERTIP-PE12864-001-C1 Datasheet
526Kb / 1P
POWERTIP
PE12864-004 POWERTIP-PE12864-004 Datasheet
260Kb / 1P
- Available in STN, FSTN, FFSTN; with/out backlight.
PE12864-007 POWERTIP-PE12864-007 Datasheet
585Kb / 1P
POWERTIP
PE12864WRF-018HY1Q POWERTIP-PE12864WRF-018HY1Q Datasheet
410Kb / 27P
LCD Module
Ver.0 2006/7/21
More results


Similar Description - PE128300

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
L-BAND UP/DOWN CONVERTER
logo
Intersil Corporation
HFA3624 INTERSIL-HFA3624 Datasheet
186Kb / 19P
2.4GHz Up/Down Converter
November 1998
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809 Datasheet
145Kb / 3P
5.8-GHz DOWN CONVERTER IC
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
5.8-GHz Down Converter IC
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
Dual Channel 600mA Step-Down Converter
AAT2514 ANALOGICTECH-AAT2514_08 Datasheet
581Kb / 14P
Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2505 SKYWORKS-AAT2505 Datasheet
3Mb / 23P
Dual Channel, Step-Down Converter/Linear Regulator
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
Dual Channel, 600mA Step-Down Converter
logo
Analog Devices
ADF5901 AD-ADF5901 Datasheet
518Kb / 27P
24 GHz to 24.25 GHz voltage controlled oscillator
Rev. A
logo
Qorvo, Inc
QPF4010 QORVO-QPF4010 Datasheet
2Mb / 23P
24.25 ??27.5 GHz Front End Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com