Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFA3624 Datasheet (PDF) - Intersil Corporation

HFA3624 Datasheet PDF - Intersil Corporation
Part # HFA3624
Download  HFA3624 Download
File Size   186.24 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz Up/Down Converter

HFA3624 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA3624 Datasheet PDF - Intersil Corporation

Part # HFA3624
Download  HFA3624 Click to download

File Size   186.24 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 2.4GHz Up/Down Converter

HFA3624 Datasheet (HTML) - Intersil Corporation


HFA3624 Product details

The Intersil 2.4GHz PRISM™ chip set is a highly integrated five-chip solution for RF modems employing Direct Sequence Spread Spectrum (DSSS) signaling. The HFA3624 RF/IF converter is one of the five chips in the PRISM™ chip set (see Figure 1 for the typical application circuit).

Features
• Complete Receive/Transmit Front End
• RF Frequency Range . . . . . . . . . . . . . . 2.4GHz to 2.5GHz
• IF Operation . . . . . . . . . . . . . . . . . . . . . 10MHz to 400MHz
• Single Supply Battery Operation . . . . . . . . . 2.7V to 5.5V
• Independent Receive/Transmit Power Enable Mode

Applications
• Systems Targeting IEEE 802.11 Standard
• PCMCIA Wireless Transceiver
• Wireless Local Area Network Modems
• TDMA Packet Protocol Radios
• Part 15 Compliant Radio Links
• Portable Battery Powered Equipment




Similar Part No. - HFA3624

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3600 INTERSIL-HFA3600 Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600 INTERSIL-HFA3600 Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Renesas Technology Corp
HFA3600 RENESAS-HFA3600 Datasheet
861Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
logo
Intersil Corporation
HFA3600IB INTERSIL-HFA3600IB Datasheet
430Kb / 16P
Low-Noise Amplifier/Mixer
May 1999
HFA3600IB INTERSIL-HFA3600IB Datasheet
543Kb / 16P
Low-Noise Amplifier/Mixer
August 2002
More results


Similar Description - HFA3624

ManufacturerPart #DatasheetDescription
logo
NEC
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
L-BAND UP/DOWN CONVERTER
logo
Intersil Corporation
HFA3683A INTERSIL-HFA3683A Datasheet
187Kb / 17P
2.4GHz RF/IF Converter and Synthesizer
June 2000
logo
NXP Semiconductors
TEA1211HN PHILIPS-TEA1211HN Datasheet
125Kb / 23P
High efficiency auto-up/down DC/DC converter
2003 Oct 13
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Intersil Corporation
ISL3685 INTERSIL-ISL3685 Datasheet
199Kb / 19P
2.4GHz RF/IF Converter and Synthesizer
January 2001
logo
Linear Technology
LT3433 LINER-LT3433_1 Datasheet
238Kb / 16P
High Voltage Step-Up/Step-Down DC/DC Converter
logo
Sanyo Semicon Device
LV5256GP SANYO-LV5256GP_09 Datasheet
140Kb / 9P
Operating Mode Switching Type Step-Up/Down Converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
Step Down / Step Up / Inverting DC-DC Converter
logo
Maxim Integrated Produc...
MAX1672 MAXIM-MAX1672_V01 Datasheet
280Kb / 11P
Step-Up/Down DC-DC Converter in QSOP Package
2002
logo
Peregrine Semiconductor
PE128300 PSEMI-PE128300 Datasheet
147Kb / 3P
Dual-channel Up-Down Converter, 24.25–29.50 GHz
05/2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com