Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE565211 Datasheet (PDF) - Peregrine Semiconductor

PE565211 Datasheet PDF - Peregrine Semiconductor
Part # PE565211
Download  PE565211 Download
File Size   870.59 Kbytes
Page   10 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 5–7 GHz 802.11ax SOI Wi-Fi Front-End Module

PE565211 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE565211 Datasheet PDF - Peregrine Semiconductor

Part # PE565211
Download  PE565211 Click to download

File Size   870.59 Kbytes
Page   10 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 5–7 GHz 802.11ax SOI Wi-Fi Front-End Module

PE565211 Datasheet (HTML) - Peregrine Semiconductor


PE565211 Product details

Features
• Single-die 5–7 GHz, PA, LNA, bypass path with
RxAux port
• Fully-matched input and output
• Integrated logarithmic power detector
• Tx Gain: 5 GHz: 27 dB, 6 GHz: 21 dB typical
• Rx Gain: 5 GHz: 15 dB, 6 GHz: 13 dB typical
• Rx NF: 5 GHz: 2.1 dB, 6 GHz: 2.3 dB typical
• Excellent long packet EVM performance:
▪ MCS11 5 GHz: -41 dB @ 12.5 dBm (HE80)
▪ MCS11 6 GHz: -41 dB @ 13.0 dBm (HE80)
• Packaging — Ultra-compact 16-lead 2.5 x 2.5 mm
LGA (MSL3)

Applications
• Nominal- to medium-power 802.11ax CPE (routers,
extenders, access points and gateways)
• PC cards, PCMCIA cards, mini and half-mini cards
• Wi-Fi-enabled video systems
• POE
• IoT




Similar Part No. - PE565211

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5001 PASTERNACK-PE5001 Datasheet
243Kb / 2P
Crimp Tool With 0.068, 0.213, 0.255 Hex Sizes For RG55, RG58, RG59, RG62, RG142, RG223 RG400
PE5004-KIT PASTERNACK-PE5004-KIT Datasheet
380Kb / 2P
TECHNICAL DATA SHEET
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
COAXIAL CRIMPING TOOL
PE5007 PASTERNACK-PE5007 Datasheet
205Kb / 2P
Crimp Tool With 0.100, 0.429 Hex Sizes For RG9, RG11, RG87A,RG149, RG165, RG213, RG214, RG216, RG225, RG393
PE5008 PASTERNACK-PE5008 Datasheet
203Kb / 1P
PRODUCTION GRADE SCISSOR CRIMPING TOOL
More results


Similar Description - PE565211

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
RFFM8516 QORVO-RFFM8516 Datasheet
701Kb / 13P
5.0 GHz Wi-Fi Front-End Module
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
Wi-Fi Front End Module
logo
NXP Semiconductors
WLAN8101C NXP-WLAN8101C Datasheet
333Kb / 20P
5 GHz Wi-Fi 6 Front-End Module
Rev. 3 ??11 August 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com