Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE565211 Datasheet(PDF) 4 Page - Peregrine Semiconductor

Part # PE565211
Description  5–7 GHz 802.11ax SOI Wi-Fi Front-End Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE565211 Datasheet(HTML) 4 Page - Peregrine Semiconductor

  PE565211 Datasheet HTML 1Page - Peregrine Semiconductor PE565211 Datasheet HTML 2Page - Peregrine Semiconductor PE565211 Datasheet HTML 3Page - Peregrine Semiconductor PE565211 Datasheet HTML 4Page - Peregrine Semiconductor PE565211 Datasheet HTML 5Page - Peregrine Semiconductor PE565211 Datasheet HTML 6Page - Peregrine Semiconductor PE565211 Datasheet HTML 7Page - Peregrine Semiconductor PE565211 Datasheet HTML 8Page - Peregrine Semiconductor PE565211 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PE565211
5–7 GHz 802.11ax SOI Wi-Fi Front-End Module
Page 4 of 10
PC-0201-2 – (06/2021)
www.psemi.com
PA Gain
At EVM POUT
21.5
dB
PA Gain Variation
Over 160 MHz channel
0.2
dB
Out-of-Band Gain
3660-3900 MHz, small signal
-3
dB
4400-5000 MHz, small signal
17
dB
Out-of-Band Noise Density
+/- 170 MHz offset
-116
dBm/
Hz
+/- 290 MHz offset
-115
dBm/
Hz
80 MHz 1024Q Linear Power (EVM)
EVM <-30 dB
21
dB
EVM <-35 dB
16.5
dB
EVM <-38 dB
15
dB
EVM <-41 dB
13
dB
EVM <-50 dB
PASS
dB
160 MHz 1024Q Linear Power (EVM)
EVM <-30 dB
21
dB
EVM <-35 dB
15
dB
EVM <-38 dB
13.5
dB
EVM <-41 dB
12
dB
EVM <-50 dB
PASS
dB
Harmonic
All harmonics with all rates, BWs at POUT = 20 dBm
N/A
dBm/
MHz
Spectral Mask Margin (MCS0)
Standard w/ 3 dB margin @ POUT=21 dBm
2.7
dB
Current Consumption
POUT=21 dBm
280
mA
POUT=19 dBm
220
mA
POUT=17.5 dBm
205
mA
POUT=16.5 dBm
210
mA
POUT=15.5 dBm
200
mA
POUT=14.5 dBm
190
mA
Tx Low/High-band PDET (5-7GHz)
Detector Range
-10
21
dBm
Detector Output
noRF-21 dBm (measured at the peak of preamble of
OFDM packet)
250
1250
mV
Tx Low-band, 5G PDET
Linear Detector @ 0 dBm
370
mV
Linear Detector @ 21 dBm
1030
mV
Table 2 • PE565211 Electrical Specifications (Cont.)
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com