Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT245D Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT245D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT245D
Download  74ABT245D Download
File Size   233.35 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal transceiver with direction pin; 3-state

74ABT245D Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT245D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT245D
Download  74ABT245D Click to download

File Size   233.35 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal transceiver with direction pin; 3-state

74ABT245D Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT245D Product details

1. General description
The 74ABT245 is an 8-bit transceiver with 3-state outputs. The device features an output enable
(OE) and send/receive (DIR) for direction control. A HIGH on OE causes the outputs to assume a
high-impedance OFF-state. This device is fully specified for partial power down applications using
IOFF. The IOFF circuitry disables the output, preventing the potentially damaging backflow current
through the device when it is powered down.
2. Features and benefits
• Octal bidirectional bus interface
• 3-State buffers
• Supply voltage range from 4.5 to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• Output capability: +64 mA/–32 mA
• Power-up 3-State
• Live insertion/extraction permitted
• Inputs are disabled during 3-state mode
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78 class II level A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74ABT245D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT245D NXP-74ABT245D Datasheet
827Kb / 6P
Octal transceiver with direction pin (3-State)
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
Octal transceiver with direction pin (3-State)
More results


Similar Description - 74ABT245D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
Octal transceiver with direction pin 3-State
1998 Jan 16
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
74LVT245 NXP-74LVT245 Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
74ABT245DB NXP-74ABT245DB Datasheet
827Kb / 6P
Octal transceiver with direction pin (3-State)
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com