Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC32PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC32PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC32PW
Download  74AHC32PW Download
File Size   228.69 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input OR gate

74AHC32PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC32PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC32PW
Download  74AHC32PW Click to download

File Size   228.69 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input OR gate

74AHC32PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC32PW Product details

1. General description
The 74AHC32; 74AHCT32 is a quad 2-input OR gate. Inputs are overvoltage tolerant. This feature
allows the use of these devices as translators in mixed voltage environments.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Input levels:
• For 74AHC32: CMOS level
• For 74AHCT32: TTL level
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• ESD protection:
• HBM EIA/JESD22-A114E exceeds 2000 V
• MM EIA/JESD22-A115-A exceeds 200 V
• CDM EIA/JESD22-C101C exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC32PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC32PW PHILIPS-74AHC32PW Datasheet
74Kb / 16P
Quad 2-input OR gate
1999 Sep 27
74AHC32PW NXP-74AHC32PW Datasheet
93Kb / 14P
Quad 2-input OR gate
Rev. 04-22 May 2008
logo
Nexperia B.V. All right...
74AHC32PW-Q100 NEXPERIA-74AHC32PW-Q100 Datasheet
705Kb / 15P
Quad 2-input OR gate
logo
NXP Semiconductors
74AHC32PWDH PHILIPS-74AHC32PWDH Datasheet
74Kb / 16P
Quad 2-input OR gate
1999 Sep 27
More results


Similar Description - 74AHC32PW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com