Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC3G14 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC3G14 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC3G14
Download  74AHC3G14 Download
File Size   267.47 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverting Schmitt trigger

74AHC3G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC3G14 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC3G14
Download  74AHC3G14 Click to download

File Size   267.47 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverting Schmitt trigger

74AHC3G14 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC3G14 Product details

1. General description
74AHC3G14 and 74AHCT3G14 are high-speed Si-gate CMOS devices. They provide three
inverting buffers with Schmitt trigger action. These devices are capable of transforming slowly
changing input signals into sharply defined, jitter-free output signals.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101D exceeds 1000 V
• Low power dissipation
• Balanced propagation delays
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shaper for highly noisy environment
• Astable multivibrator
• Monostable multivibrator




Similar Part No. - 74AHC3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
Inverting Schmitt trigger
Rev. 04-5 May 2009
logo
Nexperia B.V. All right...
74AHC3G14-Q100 NEXPERIA-74AHC3G14-Q100 Datasheet
257Kb / 15P
Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC3G14DC PHILIPS-74AHC3G14DC Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
74AHC3G14DC NXP-74AHC3G14DC Datasheet
115Kb / 16P
Inverting Schmitt trigger
Rev. 04-5 May 2009
More results


Similar Description - 74AHC3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
Triple inverting Schmitt trigger
Rev. 03-8 May 2009
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
Triple inverting Schmitt trigger
Rev. 8-13 May 2013
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
Triple inverting Schmitt trigger
Rev. 5-9 December 2013
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
Triple inverting Schmitt trigger
Rev. 3-23 January 2013
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
Triple inverting Schmitt trigger
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
XC7WH14 NEXPERIA-XC7WH14 Datasheet
246Kb / 14P
Triple inverting Schmitt trigger
Rev. 6 - 22 February 2019
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com