Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC3G14 Datasheet (PDF) - NXP Semiconductors

74AHC3G14 Datasheet PDF - NXP Semiconductors
Part # 74AHC3G14
Download  74AHC3G14 Download
File Size   115.66 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Inverting Schmitt trigger

74AHC3G14 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC3G14 Datasheet PDF - NXP Semiconductors

Part # 74AHC3G14
Download  74AHC3G14 Click to download

File Size   115.66 Kbytes
Page   16 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Inverting Schmitt trigger

74AHC3G14 Datasheet (HTML) - NXP Semiconductors


74AHC3G14 Product details

General description
74AHC3G14 and 74AHCT3G14 are high-speed Si-gate CMOS devices. They provide three inverting buffers with Schmitt trigger action. These devices are capable of transforming slowly changing input signals into sharply defined, jitter-free output signals.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.

Features and benefits
• Symmetrical output impedance
• High noise immunity
• ESD protection:
    • HBM JESD22-A114F exceeds 2000 V
    • MM JESD22-A115-A exceeds 200 V
    • CDM JESD22-C101D exceeds 1000 V
• Low power dissipation
• Balanced propagation delays
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C

Applications
• Wave and pulse shaper for highly noisy environment
• Astable multivibrator
• Monostable multivibrator




Similar Part No. - 74AHC3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHC3G14 NEXPERIA-74AHC3G14 Datasheet
267Kb / 15P
Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
74AHC3G14-Q100 NEXPERIA-74AHC3G14-Q100 Datasheet
257Kb / 15P
Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC3G14DC PHILIPS-74AHC3G14DC Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
logo
Nexperia B.V. All right...
74AHC3G14DC NEXPERIA-74AHC3G14DC Datasheet
267Kb / 15P
Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
More results


Similar Description - 74AHC3G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
Inverting Schmitt trigger
2002 Jun 06.
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
Inverting Schmitt-trigger
2002 May 15
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
Inverting Schmitt trigger
2004 Oct 18
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
Inverting Schmitt trigger
Rev. 06 ??18 May 2009
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
Inverting Schmitt trigger
Rev. 04-17 July 2007
74AHC_AHCT1G14 PHILIPS-74AHC_AHCT1G14_15 Datasheet
204Kb / 16P
Inverting Schmitt trigger
Rev. 7-18 November 2014
logo
Unisonic Technologies
U74AHC3G14 UTC-U74AHC3G14_15 Datasheet
148Kb / 6P
INVERTING SCHMITT TRIGGER
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 14 January 2022
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
Inverting Schmitt trigger
Rev. 2 - 24 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com