Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4072MF-DAA Datasheet (PDF) - Renesas Technology Corp

UPC4072MF-DAA Datasheet PDF - Renesas Technology Corp
Part # UPC4072MF-DAA
Download  UPC4072MF-DAA Download
File Size   292.94 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description J-FET Input Low-Noise Dual Operational amplifier

UPC4072MF-DAA Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC4072MF-DAA Datasheet PDF - Renesas Technology Corp

Part # UPC4072MF-DAA
Download  UPC4072MF-DAA Click to download

File Size   292.94 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description J-FET Input Low-Noise Dual Operational amplifier

UPC4072MF-DAA Datasheet (HTML) - Renesas Technology Corp


UPC4072MF-DAA Product details

Features
• Input Offset Voltage: ±2 mV (TYP.)
• Input Bias Current :30 pA (TYP.)
• High Slew Rate: 13 V/μs (TYP.)
• Unity Gain Frequency: 3 MHz (TYP.)
• Low noise: 17 nV/√Hz (TYP.) @ f = 1 kHz
• Internal frequency compensation
• Output short circuit protection
• High input impedance: J-FET Input stage




Similar Part No. - UPC4072MF-DAA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072 RENESAS-UPC4072 Datasheet
255Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
UPC4072 RENESAS-UPC4072 Datasheet
439Kb / 8P
J-FET Input Low Noise Dual Operational Amplifier
Rev.1.00 Feb.27.25
logo
NEC
UPC4072C NEC-UPC4072C Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
logo
Renesas Technology Corp
UPC4072C RENESAS-UPC4072C Datasheet
255Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
More results


Similar Description - UPC4072MF-DAA

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5238AL MITSUBISHI-M5238AL Datasheet
144Kb / 4P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
NEC
UPC4071 NEC-UPC4071 Datasheet
278Kb / 10P
LOW NOISE J-FET INPUT OPERATIONAL AMPLIFIER????
UPC4072 NEC-UPC4072 Datasheet
309Kb / 10P
LOW NOISE J-FET INPUT DUAL OPERATIONAL AMPLIFIER??????
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Mitsubishi Electric Sem...
M5240P MITSUBISHI-M5240P Datasheet
347Kb / 6P
DUAL LOW-NOISE J-FET INPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
638Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com