Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC157FT Datasheet (PDF) - Toshiba Semiconductor

TC74AC157FT Datasheet PDF - Toshiba Semiconductor
Part # TC74AC157FT
Download  TC74AC157FT Download
File Size   266.85 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-CHANNEL MULTIPLEXER

TC74AC157FT Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC157FT Datasheet PDF - Toshiba Semiconductor

Part # TC74AC157FT
Download  TC74AC157FT Click to download

File Size   266.85 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description QUAD 2-CHANNEL MULTIPLEXER

TC74AC157FT Datasheet (HTML) - Toshiba Semiconductor


TC74AC157FT Product details

The TC74AC157 is an advanced high speed CMOS QUAD 2-CHANNEL MULTIPLEXER fabricated with silicon gate and double-layer metal wiring C2MOS technology. It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. This device consist of four 2-input digital multiplexer with common select and strobe inputs. When the STROBE input is held “H” level, selection of data is inhibited and all the outputs become “L” level. The SELECT decoding determines whether the A or B inputs get routed to their corresponding Y outputs. All inputs are equipped with protection circuits against static discharge or transient excess voltage.

Features
• High speed: tpd = 4.5 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
                                Capability of driving 50 Ω
                                transmission lines.
• Balanced propagation delays: tpLH ∼ − tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74F157




Similar Part No. - TC74AC157FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC157FT TOSHIBA-TC74AC157FT Datasheet
273Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Channel Multiplexer
TC74AC157FT TOSHIBA-TC74AC157FT_12 Datasheet
227Kb / 9P
Quad 2-Channel Multiplexer
More results


Similar Description - TC74AC157FT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
Quad 2-Channel Multiplexer
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Jun-1999
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com