Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT157 Datasheet (PDF) - STMicroelectronics

74ACT157 Datasheet PDF - STMicroelectronics
Part # 74ACT157
Download  74ACT157 Download
File Size   74.71 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER

74ACT157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACT157 Datasheet PDF - STMicroelectronics

Part # 74ACT157
Download  74ACT157 Click to download

File Size   74.71 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2 CHANNEL MULTIPLEXER

74ACT157 Datasheet (HTML) - STMicroelectronics


74ACT157 Product details

DESCRIPTION
The 74ACT157 is an advanced high-speed CMOS QUAD 2-CHANNEL MULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS tecnology.
It consists of four 2-input digital multiplexer with common SELECT and STROBE inputs. It is a non-inverting multiplexer. When the STROBE input is held high selection of data is inhibit and all the outputs become low. The SELECT decoding determines whether the A or B inputs get routed to their corresponding Y outputs.
The device is designed to interface directly High Speed CMOS systems with TTL, NMOS and CMOS output voltage levels.
All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.

■ HIGH SPEED: tPD = 5.5 ns (TYP.) at VCC = 5V
■ LOW POWER DISSIPATION:
   ICC = 4µA(MAX.) at TA=25°C
■ COMPATIBLE WITH TTL OUTPUTS
   VIH = 2V (MIN.), VIL = 0.8V (MAX.)
■ 50Ω TRANSMISSION LINE DRIVING CAPABILITY
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 24mA (MIN)
■ BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL
■ OPERATING VOLTAGE RANGE:
   VCC (OPR) = 4.5V to 5.5V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 157
■ IMPROVED LATCH-UP IMMUNITY




Similar Part No. - 74ACT157

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74ACT157 ONSEMI-74ACT157 Datasheet
106Kb / 10P
Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
74ACT157 ONSEMI-74ACT157 Datasheet
182Kb / 11P
Dual 4?묲nput Multiplexer with 3?뭆tate Outputs
March, 2006 ??Rev. 6
logo
STMicroelectronics
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
277Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
74ACT157B STMICROELECTRONICS-74ACT157B Datasheet
277Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
74ACT157M STMICROELECTRONICS-74ACT157M Datasheet
277Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
More results


Similar Description - 74ACT157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC157 MOTOROLA-MC74VHC157 Datasheet
149Kb / 6P
Quad 2-Channel Multiplexer
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
May-1997
74VHC157 STMICROELECTRONICS-74VHC157 Datasheet
65Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Jun-1999
74VHCT157A STMICROELECTRONICS-74VHCT157A Datasheet
64Kb / 9P
QUAD 2 CHANNEL MULTIPLEXER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHCT157A ONSEMI-MC74VHCT157A Datasheet
94Kb / 8P
Quad 2-Channel Multiplexer
April, 2001 ??Rev. 1
logo
Toshiba Semiconductor
TC74AC157P TOSHIBA-TC74AC157P Datasheet
266Kb / 6P
QUAD 2-CHANNEL MULTIPLEXER
logo
ON Semiconductor
MC74VHC157 ONSEMI-MC74VHC157 Datasheet
231Kb / 7P
Quad 2--Channel Multiplexer
March, 2006 -- Rev. 5
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157_01 Datasheet
275Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER
Apr-2001
logo
ON Semiconductor
MC74LVX157 ONSEMI-MC74LVX157_14 Datasheet
114Kb / 6P
Quad 2-Channel Multiplexer
August, 2014 ??Rev. 4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com