Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT157 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74ACT157
Description  QUAD 2 CHANNEL MULTIPLEXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT157 Datasheet(HTML) 2 Page - STMicroelectronics

  74ACT157 Datasheet HTML 1Page - STMicroelectronics 74ACT157 Datasheet HTML 2Page - STMicroelectronics 74ACT157 Datasheet HTML 3Page - STMicroelectronics 74ACT157 Datasheet HTML 4Page - STMicroelectronics 74ACT157 Datasheet HTML 5Page - STMicroelectronics 74ACT157 Datasheet HTML 6Page - STMicroelectronics 74ACT157 Datasheet HTML 7Page - STMicroelectronics 74ACT157 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
TRUTH TABLE
INPUT
O UTPUT
ST ROBE
SELECT
A
B
Y
H
XXX
L
L
LLX
L
LL
H
X
H
LH
X
L
L
LH
X
H
H
X: ”H” or ”L”
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Val ue
Uni t
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC +0.5
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND
DC VCC or Ground Current
± 200
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND F UNCTIO N
1
SELECT
Common Data Select Input
2, 5, 11, 14
1A to 4A
Data Inputs From
Source A
3, 6, 10, 13
1B to 4B
Data Inputs From
Source B
4, 7, 9, 12
1Y to 4Y
Multiplexer Outputs
15
STROBE
Strobe Input
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage
4.5 to 5.5
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
-40 to +85
oC
dt/dv
Input Rise and Fall Time VCC = 4.5 to 5.5V (note 1)
8
ns/V
1) VIN from 0.8 V to 2.0 V
74ACT157
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com