Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
LM2694MT Datasheet PDF - National Semiconductor (TI)
Part # LM2694MT
Download  LM2694MT Download
File Size   760.15 Kbytes
Page   19 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 30V, 600 mA Step Down Switching Regulator

LM2694MT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2694MT Datasheet PDF - National Semiconductor (TI)

Part # LM2694MT
Download  LM2694MT Click to download

File Size   760.15 Kbytes
Page   19 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description 30V, 600 mA Step Down Switching Regulator

LM2694MT Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2694MT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2694MT/NOPB TI-LM2694MT/NOPB Datasheet
1Mb / 26P
LM2694 30V, 600 mA Step Down Switching Regulator
LM2694MT/NOPB TI2-LM2694MT/NOPB Datasheet
884Kb / 29P
LM2694 30V, 600 mA Step Down Switching Regulator
REVISED APRIL 2013
LM2694MT/NOPB.A TI2-LM2694MT/NOPB.A Datasheet
884Kb / 29P
LM2694 30V, 600 mA Step Down Switching Regulator
REVISED APRIL 2013
LM2694MT/NOPB.B TI2-LM2694MT/NOPB.B Datasheet
884Kb / 29P
LM2694 30V, 600 mA Step Down Switching Regulator
REVISED APRIL 2013
LM2694MTX TI-LM2694MTX Datasheet
1Mb / 26P
LM2694 30V, 600 mA Step Down Switching Regulator
More results


Similar Description - LM2694MT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2695 NSC-LM2695 Datasheet
623Kb / 14P
High Voltage (30V, 1.25A) Step Down Switching Regulator
LM5009 NSC-LM5009 Datasheet
637Kb / 14P
150 mA, 100V Step-Down Switching Regulator
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
40V, 600 mA Step Down COT Switching Regulator
LM5009 NSC-LM5009_08 Datasheet
345Kb / 16P
150 mA, 100V Step-Down Switching Regulator
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
30V, 300mA Output Micropower Step-Down Switching Regulator
logo
Texas Instruments
LM5009MMX TI-LM5009MMX Datasheet
949Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM5009 TI1-LM5009_14 Datasheet
943Kb / 22P
150-mA 100-V Step-Down Switching Regulator
LM2694 TI-LM2694_15 Datasheet
1Mb / 26P
LM2694 30V, 600 mA Step Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com