Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet (PDF) - Semtech Corporation

SC4530 Datasheet PDF - Semtech Corporation
Part # SC4530
Download  SC4530 Download
File Size   1114.2 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 30V, 300mA Output Micropower Step-Down Switching Regulator

SC4530 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4530 Datasheet PDF - Semtech Corporation

Part # SC4530
Download  SC4530 Click to download

File Size   1114.2 Kbytes
Page   23 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description 30V, 300mA Output Micropower Step-Down Switching Regulator

SC4530 Datasheet (HTML) - Semtech Corporation


SC4530 Product details

Description

The SC453 IC is a single chip high-performance Hysteretic PWM controller. With its integrated SmartDriver™, it pow ers advanced graphics and core processors. It provides sleep mode and boot voltage support. Automatic "power save" is present to prevent negative current flow in the

low-side FET during light loading conditions saving even more power. The high side driver initially turns on with a weak drive to reduce ringing, EMI, and capacitive turn-on of the low side.



Features

High Speed Hysteretic Controller

Single Phase Operation

Selectable Analog or VID Controlled Sleep Setting

6 Bit VID programmable Output

Integrated Drivers with Soft-High Side Turn-On

Programmable Soft-Start

Programmable Boot Voltage

Programmable Sleep Voltage with Sleep Mode

Under-Voltage Lockout on VCCA

Over-voltage Protection on CORE

Current Limit Protection on CORE

Thermal Protection

Power Good Flag with Blanking During VCORE Changes

Automatic Power Save at Light Load  TSSOP-28 Package



Applications

Low Power Notebook and Laptop Computers

Embedded Applications




Similar Part No. - SC4530

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC453 SEMTECH-SC453 Datasheet
343Kb / 26P
Portable, VID Programmed Single Phase Power Supply Controller
SC4538 SEMTECH-SC4538 Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538 SEMTECH-SC4538 Datasheet
252Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
SC4538EVB SEMTECH-SC4538EVB Datasheet
235Kb / 14P
High Effi ciency Boost Converter for up to 10 LEDs
More results


Similar Description - SC4530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2694 NSC-LM2694 Datasheet
760Kb / 19P
30V, 600 mA Step Down Switching Regulator
logo
Semtech Corporation
SC4524 SEMTECH-SC4524 Datasheet
1Mb / 21P
Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
logo
New Japan Radio
NJU7691 NJRC-NJU7691 Datasheet
138Kb / 8P
300mA Synchronous Step-Down switching regulator IC
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
Triple Output Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
Synchronous Micropower Step-Down High Efficiency Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
HM1484C HMSEMI-HM1484C Datasheet
1Mb / 14P
30V, 3.1A Monolithic Step-Down Switching Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com