Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524 Datasheet (PDF) - Semtech Corporation

SC4524 Datasheet PDF - Semtech Corporation
Part # SC4524
Download  SC4524 Download
File Size   1193.94 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Programmable Frequency, 2A Output 30V Step-Down Switching Regulator

SC4524 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4524 Datasheet PDF - Semtech Corporation

Part # SC4524
Download  SC4524 Click to download

File Size   1193.94 Kbytes
Page   21 Pages
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation
Description Programmable Frequency, 2A Output 30V Step-Down Switching Regulator

SC4524 Datasheet (HTML) - Semtech Corporation


SC4524 Product details

Description
The SC4524 is an adjustable frequency peak current mode step-down switching regulator with an integrated 2.3A, 30V switch. The SC4524 can be programmed up to 1.5MHz. This allows the use of small inductor and ceramic capacitors, resulting in very compact power supplies. The SC4524 is suitable for next generation XDSL modems, set-top boxes and point of load applications.

Features
♦ Up to 1.5 MHz Programmable Switching Frequency
♦ 2.3A Integrated Switch
♦ Wide Input Voltage Range 2.8V to 30V
♦ Peak Current-Mode Control with Cycle-by-Cycle Current Limiting
♦ Hiccup Overload Protection
♦ Soft-Start and Enable
♦ Thermal Shutdown
♦ Thermally Enhanced 8-Pin SOIC Package
♦ Fully WEEE and RoHS Compliant

Applications
♦ XDSL and Cable Modems
♦ Set-top Boxes
♦ Point of Load Applications
♦ CPE Equipment
♦ DSP Power Supplies
♦ Disk Drives




Similar Part No. - SC4524

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4524A SEMTECH-SC4524A Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4524A SEMTECH-SC4524A Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
SC4524AEVB SEMTECH-SC4524AEVB Datasheet
776Kb / 19P
28V 2A Step-Down Switching Regulator
SC4524ASETRT SEMTECH-SC4524ASETRT Datasheet
740Kb / 18P
28V 2A Step-Down Switching Regulator
More results


Similar Description - SC4524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
logo
Semtech Corporation
SC2620 SEMTECH-SC2620 Datasheet
586Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC2620 SEMTECH-SC2620_08 Datasheet
536Kb / 26P
Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
18V 2A Step-Down Switching Regulator 2A Output Current
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
30V, 300mA Output Micropower Step-Down Switching Regulator
SC2440A SEMTECH-SC2440A Datasheet
4Mb / 28P
Dual 30V Step-Down Switching Regulator with 2A Switches
logo
Shenzhen Huazhimei Semi...
HM1482D HMSEMI-HM1482D Datasheet
1Mb / 7P
30V 2A Synchronous Step-Down Regulator
HM8114 HMSEMI-HM8114 Datasheet
1Mb / 7P
30V 2A 500KHz Synchronous Step-Down Regulator
More results




About Semtech Corporation


Semtech Corporation is an American technology company that specializes in the design and manufacture of high-performance analog and mixed-signal semiconductors. The company was founded in 1960 and is headquartered in Camarillo, California. Semtech provides a wide range of products including data converters, power management solutions, high-frequency products, and other analog and mixed-signal components for a variety of applications, including wireless communications, automotive, industrial, and consumer electronics.

Semtech is known for its expertise in analog and mixed-signal technology and its ability to provide innovative and high-performance products. The company has a strong focus on research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Semtech's products are widely used in a variety of applications and help support the growth of the electronics industry.

In recent years, Semtech has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and wireless sensing markets. The company is committed to helping its customers design, develop, and deploy innovative products that meet the changing needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com