Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4524
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4524 Datasheet HTML 1Page - Semtech Corporation SC4524 Datasheet HTML 2Page - Semtech Corporation SC4524 Datasheet HTML 3Page - Semtech Corporation SC4524 Datasheet HTML 4Page - Semtech Corporation SC4524 Datasheet HTML 5Page - Semtech Corporation SC4524 Datasheet HTML 6Page - Semtech Corporation SC4524 Datasheet HTML 7Page - Semtech Corporation SC4524 Datasheet HTML 8Page - Semtech Corporation SC4524 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
Unless specified: -40°C < T
A < 85°C, -40°C < TJ< 105°C, ROSC = 12.1kΩ, VIN = 5V, VBST = 8V
Notes: This device is ESD sensitive. ESD handling precaution is required.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
IV
N
I
2
3
o
t
3
.
0
-V
n
i
P
T
S
BV
T
S
B
2
4V
W
S
e
v
o
b
A
n
i
P
T
S
BV
T
S
B
V
-
W
S
4
2V
n
i
P
S
SV
S
S
3V
n
i
P
B
FV
B
F
V
o
t
3
.
0
-
N
I
V
e
g
a
tl
o
V
W
S
V
W
S
V
o
t
6
.
0
-
N
I
V
)
n
o
it
a
r
u
D
s
n
0
1
<
(
s
e
k
i
p
S
t
n
e
i
s
n
a
r
T
W
SV
W
S
V
N
I
5
.
1
+
V
5
.
2
-
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
o
t
0
4
-C
°
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
6
3
W
/
C
°
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
5
.
5
W
/
C
°
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
m
u
m
i
x
a
MT
J
0
5
1C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
c
e
s
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E0
0
5
1V
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
V
g
n
it
a
r
e
p
O
m
u
m
i
x
a
M
N
I
0
3V
V
N
I
e
g
a
tl
o
V
t
r
a
t
S
5
4
.
22
6
.
28
7
.
2V
V
N
I
s
i
s
e
r
e
t
s
y
H
t
r
a
t
S
5
7V
m
V
N
I
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Qg
n
i
h
c
ti
w
s
t
o
N5
.
35
A
m
V
N
I
n
w
o
d
t
u
h
S
n
i
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
QV
S
S
V
0
=0
40
6A
µ
e
g
a
tl
o
V
k
c
a
b
d
e
e
F
0
8
9
.
00
0
0
.
10
2
0
.
1V
n
o
it
a
l
u
g
e
R
e
n
i
L
e
g
a
tl
o
V
k
c
a
b
d
e
e
FV
N
I
V
0
3
o
t
V
3
=5
0
0
.
0V
/
%
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
n
i
P
B
FV
B
F
V
,
V
1
=
P
M
O
C
V
5
.
1
=5
1
-0
3
-A
n
e
c
n
a
t
c
u
d
n
o
c
s
n
a
r
T
r
e
if
il
p
m
A
r
o
r
r
E
0
8
2µ
Ω 1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com