Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4524 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4524
Description  Programmable Frequency, 2A Output 30V Step-Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4524 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4524 Datasheet HTML 9Page - Semtech Corporation SC4524 Datasheet HTML 10Page - Semtech Corporation SC4524 Datasheet HTML 11Page - Semtech Corporation SC4524 Datasheet HTML 12Page - Semtech Corporation SC4524 Datasheet HTML 13Page - Semtech Corporation SC4524 Datasheet HTML 14Page - Semtech Corporation SC4524 Datasheet HTML 15Page - Semtech Corporation SC4524 Datasheet HTML 16Page - Semtech Corporation SC4524 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
 2006 Semtech Corp.
www.semtech.com
SC4524
POWER MANAGEMENT
Applications Information
cycle is
b
ON
IN
SW
T
V
I
for a power loss of
b
»
b
OUT
SW
IN
SW
V
I
V
DI
.
If D
BST is tied to the output, then the charge drawn from
the output capacitor will still be
b
ON
SW T
I
. The energy loss
due to base charge per cycle is
b
ON
OUT
SW
T
V
I
for a power
loss of
b
OUT
SW V
DI
.
Since V
OUT < VIN, DBST should always be tied to VOUT (if
>2.5V) to maximize efficiency. In general efficiency
penalty increases as D decreases.
Figure 7 summarizes various ways of bootstrapping the
SC4524. A fast switching PN diode (such as 1N4148 or
MAX V
BST = 2VIN
MAX V
BST = VIN + VOUT
MAX V
BST = 2VIN - VZ
MAX V
BST = VS
MAX V
BST = VIN + VS
Figure 7. Methods of Bootstrapping the SC4524.
(a)
SC4524
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
DRECT
(b)
(c)
SC4524
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
VS > 2.5V
DRECT
(d)
SC4524
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
DRECT
(d)
SC4524
BST
GND
IN
SW
DBST
VOUT
VIN
VS > VIN + 2.5V
DRECT
SC4524
BST
GND
IN
SW
DBST
VOUT
CBST
VIN
DRECT
DZ
+ VZ -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com