Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4530 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4530
Description  30V, 300mA Output Micropower Step-Down Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4530 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4530 Datasheet HTML 3Page - Semtech Corporation SC4530 Datasheet HTML 4Page - Semtech Corporation SC4530 Datasheet HTML 5Page - Semtech Corporation SC4530 Datasheet HTML 6Page - Semtech Corporation SC4530 Datasheet HTML 7Page - Semtech Corporation SC4530 Datasheet HTML 8Page - Semtech Corporation SC4530 Datasheet HTML 9Page - Semtech Corporation SC4530 Datasheet HTML 10Page - Semtech Corporation SC4530 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
SC4530
Quiescent Currents
vs BIAS Voltage
0
10
20
30
40
50
0.0
1.0
2.0
3.0
4.0
BIAS Voltage (V)
125oC
VIN = 10V
-40oC
-40oC
IIN
IBIAS
Quiescent Currents vs VIN
0
5
10
15
20
25
30
0
5
10
15
20
25
30
VIN (V)
IBIAS
25oC
IIN
VBIAS = 3V
BIAS Quiescent Current
vs Temperature
0
10
20
30
40
-50
-25
0
25
50
75
100 125
Temperature (oC)
VBIAS = 3V
VIN = 10V
VIN Quiescent Current
vs Temperature
0
10
20
30
40
-50
-25
0
25
50
75
100 125
Temperature (oC)
VBIAS = 1V
VIN = 10V
VBIAS = 3V
Freewheeling Diode
Forward Characteristics
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
Voltage (V)
-40oC
25oC
125oC
Freewheeling Diode
Reverse Leakage Current
0
5
10
15
0
5
10
15
20
25
30
35
Reverse Voltage (V)
125oC
Bootstrap Diode
Forward Characteristics
0.1
1.0
10.0
100.0
0.2
0.4
0.6
0.8
1.0
Voltage (V)
-40oC
25oC
125oC
Typical Characteristics (Continued)
EN Pin Current vs VEN
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
25
30
VEN (V)
-40oC
25oC
125oC
Bootstrap Diode
Reverse Leakage Current
0
1
2
3
4
5
0
5
10
15
20 25
30 35
40
VBST - VBIAS (V)
125oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com